전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SAR542P 데이터시트(PDF) 3 Page - Rohm

부품명 2SAR542P
상세설명  Midium Power Transistors (-30V / -5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SAR542P 데이터시트(HTML) 3 Page - Rohm

  2SAR542P Datasheet HTML 1Page - Rohm 2SAR542P Datasheet HTML 2Page - Rohm 2SAR542P Datasheet HTML 3Page - Rohm 2SAR542P Datasheet HTML 4Page - Rohm 2SAR542P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SAR542P
Electrical characteristic curves
COLLECTOR - BASE VOLTAGE : VCB [V]
EMITTER - BASE VOLTAGE : VEB [V]
Fig.7 Emitter Input Capacitance vs.
Emitter-Base Voltage
Collector Output Capacitance vs.
Collector-Base Voltage
COLLECTOR CURRENT : IC[mA]
COLLECTOR CURRENT : IC[mA]
EMITTER CURRENT : IE[mA]
COLECTOR TO EMITTER VOLTAGE : VCE[V]
Fig.6 Ground Emitter Propagation
Characteristics
Fig.1 Typical Output Characteristics
COLLECTOR CURRENT : IC[mA]
Fig.2 DC Current Gain vs.
Collector Current (
Ι )
COLLECTOR CURRENT : IC[mA]
Fig3. DC Current Gain vs.
Collector Current (
ΙΙ )
Fig.4 Collector-Emitter Saturation Voltage
vs. Collector Current (
Ι )
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (
ΙΙ )
Fig.8 Gain Bandwidth Product vs.
Emitter Current
Fig.9 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : VCE[V]
BASE TO EMITTER VOLTAGE : VBE[V]
-1
-10
-100
-1000
-10000
0.3
-0.2
-0.7
-1.2
1
10
100
1000
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-0.001
-0.01
-0.1
-1
10
100
1000
10
100
1000
-1
-10000
-1000
-100
-10
-1
-10000
-1000
-100
-10
-1
-10000
-1000
-100
-10
-0.001
-0.01
-0.1
-1
-1
-10000
-1000
-100
-10
0.0
-0.5
-1
-1.5
-2.0
10
100
1000
10
100
1000
-0.01
-0.1
-1
-100
-10
Cob
Cib
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-2.0mA
-1.5mA
-1.0mA
-0.5mA
-2.5mA
-5.0mA
Ta=25°C
VCE = -5V
-2V
VCE = -2V
VCE = -2V
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
IC/IB=50
20
10
IC/IB=20
Ta=125°C
75°C
25°C
-40°C
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
f=1MHz
IE=0A
IC=0A
Ta=25°C
VCE = -10V
100ms
10ms
1ms
Single pulse
DC Ta=25°C
(Mounted on a
recommended land)
DC Ta=25°C
(Mounted on a ceramic board)


유사한 부품 번호 - 2SAR542P

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
2SAR542PFRA ROHM-2SAR542PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -5A)
More results

유사한 설명 - 2SAR542P

제조업체부품명데이터시트상세설명
logo
Rohm
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
2SCR542D ROHM-2SCR542D Datasheet
498Kb / 6P
   Midium Power Transistors (30V / 5A)
2SAR542D ROHM-2SAR542D Datasheet
599Kb / 6P
   Midium Power Transistors (-30V/-5A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
2SCR512P5 ROHM-2SCR512P5 Datasheet
1Mb / 9P
   Midium Power Transistors (30V / 2V)
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-30V / -3A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
   Midium Power Transistors (-30V / -1A)
QS5Y1 ROHM-QS5Y1 Datasheet
1Mb / 8P
   Midium Power Transistors (30V / 3A)
2SCR512P ROHM-2SCR512P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 2A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
   Midium Power Transistors (30V / 1A)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com