전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1270 데이터시트(PDF) 1 Page - Wing Shing Computer Components

부품명 2SD1270
상세설명  NPN EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINGS [Wing Shing Computer Components]
홈페이지  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SD1270 데이터시트(HTML) 1 Page - Wing Shing Computer Components

  2SD1270 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD1270
NPN EPITAXIAL SILICON TRANSISTOR
POWER AMPLIFIER
VERTICAL DEFLECTION OUTPUT
SC-67
! Complement to 2SB945
ABSOLUTE MAXIMUM RATINGS (T
A=25℃
℃)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation (Tc=25℃)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
-130
-80
-5
-5
40
150
-50~150
V
V
V
A
W
ELECTRICAL CHARACTERISTICS (T
A=25℃
℃)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
Current Gain Bandwidth Product
ICBO
IEBO
hFE1
VCE(sat)
fT
VCB= -150V , IE=0
VEB= -5V ,
IC=0
VCE= -2.0V ,IC=-2.0A
IC=-4A ,IB=-0.2mA
VCE= -10V ,IC=-0.5A
60
60
-10
-10
260
-0.5
µA
µA
V
MHZ
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


유사한 부품 번호 - 2SD1270

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
logo
Savantic, Inc.
2SD1270 SAVANTIC-2SD1270 Datasheet
135Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1270 ISC-2SD1270 Datasheet
162Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1270 SAVANTIC-2SD1270 Datasheet
137Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SD1270

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SD1265 WINGS-2SD1265 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
2SB945 WINGS-2SB945 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
2SA1307 WINGS-2SA1307 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
2SB1016 WINGS-2SB1016 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
2SB1133 WINGS-2SB1133 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
2SD1407 WINGS-2SD1407 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
2SA940 WINGS-2SA940 Datasheet
25Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
logo
Fairchild Semiconductor
FJC2383YTF FAIRCHILD-FJC2383YTF Datasheet
442Kb / 6P
   NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
KSA940 FAIRCHILD-KSA940 Datasheet
59Kb / 4P
   Vertical Deflection Output Power Amplifier
KSA940TU FAIRCHILD-KSA940TU Datasheet
65Kb / 4P
   Vertical Deflection Output Power Amplifier
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com