전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1857 데이터시트(PDF) 1 Page - Rohm

부품명 2SD1857
상세설명  Power Transistor (120V, 2A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SD1857 데이터시트(HTML) 1 Page - Rohm

  2SD1857 Datasheet HTML 1Page - Rohm 2SD1857 Datasheet HTML 2Page - Rohm 2SD1857 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.E
Power Transistor (120V, 2A)
2SD1857
Features
Dimensions (Unit : mm)
1) High breakdown voltage. (BVCEO = 120V)
2) Low collector output capacitance.
(Typ. 20pF at VCB = 10V)
3) High transition frequency. (fT = 80MHz)
4) Complements the 2SB1236.
Packaging specifications and hFE
Package
Code
Taping
Basic ordering unit (pieces)
2SD1857
QR
TV2
2500
Type
hFE
120 to 270
hFE
Item
Q
180 to 390
R
hFE
values are classified as follows:
Absolute maximum ratings (Ta = 25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
120
120
5
2
3
1
150
−55 to +150
Unit
V
V
V
A
A
W
1
∗2
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1 Single pulse Pw = 10ms
2 When mounted on 1.7mm thick PCB having collector foll dimensions 1cm
2
or more.
Electrical characteristics (Ta = 25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
120
120
5
80
20
1
1
2
V
V
V
μA
μA
V
MHz
pF
IC = 50
μA
IC = 1mA
IE = 50
μA
VCB = 100V
VEB = 4V
IC/IB = 1A/0.1A
hFE
120
390
VCE/IC = 5V/0.1A
VCE = 5V , IE =
−0.1A , f = 30MHz
VCB = 10V , IE = 0A , f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Transition frequency
Output capacitance
DC current
transfer ratio
Measured using pulse current.
ROHM : ATV
2SD1857
(2) Collector
(3) Base
Taping specifications
(1) Emitter
0.45
1.05
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5


유사한 부품 번호 - 2SD1857

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1857 ROHM-2SD1857 Datasheet
43Kb / 1P
   Power Transistor
2SD1857 ROHM-2SD1857 Datasheet
80Kb / 4P
   Power Transistor (120V, 1.5A)
logo
Unisonic Technologies
2SD1857 UTC-2SD1857 Datasheet
35Kb / 2P
   POWER TRANSISTOR
2SD1857 UTC-2SD1857 Datasheet
132Kb / 3P
   POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SD1857 ISC-2SD1857 Datasheet
131Kb / 2P
   Low collector output capacitance
More results

유사한 설명 - 2SD1857

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SD2635 SANYO-2SD2635 Datasheet
35Kb / 3P
   120V / 2A Driver Applications
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
   Power Transistor (120V, -6A)
logo
PFC Device Inc.
PTA2L120 PFC-PTA2L120 Datasheet
564Kb / 5P
   2A 120V HPTR짰 Schottky Rectifier
logo
Rohm
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
   Power Transistor (-120V , -1.5A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
   Power Transistor (120V, 1.5A)
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
   Power Transistor (120V, 7A)
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
   Middle Power Transistor(120V/1.5A)
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
   NPN 3A 120V Power Transistor
2SD1861 ROHM-2SD1861 Datasheet
72Kb / 3P
   Power transistor (40V, 2A)
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
   Power Transistor (100V , 2A)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com