전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1733 데이터시트(PDF) 1 Page - Rohm

부품명 2SD1733
상세설명  Power Transistor (80V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SD1733 데이터시트(HTML) 1 Page - Rohm

  2SD1733 Datasheet HTML 1Page - Rohm 2SD1733 Datasheet HTML 2Page - Rohm 2SD1733 Datasheet HTML 3Page - Rohm 2SD1733 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
Power Transistor (80V, 1A)
2SD1898 / 2SD1733 / 2SD1768S / 2SD1863
Features
Dimensions (Unit : mm)
1) High VCEO, VCEO=80V
2) High IC, IC=1A (DC)
3) Good hFE linearity
4) Low VCE (sat)
5) Complements the 2SB1260 /
2SB1241 / 2SB1181
Structure
Epitaxial planer type
NPN silicon transistor
(1) Emitter
(2) Collector
(3) Base
ROHM : SPT
EIAJ : SC-72
2SD1768S
(1) Emitter
(2) Collector
(3) Base
ROHM : ATV
2SD1863
(1) Base
(2) Collector
(3) Emitter
ROHM : CPT3
EIAJ : SC-63
2SD1733
(1) Base
(2) Collector
(3) Emitter
ROHM : MPT3
EIAJ : SC-62
2SD1898
Abbreviated symbol : DF
Taping specifications
Taping specifications
−0.05
+0.1
−0.1
+0.2
+0.2
−0.1
(3)
(2)
(1)
3.0±0.2
1.5±0.1
1.5±0.1
0.4±0.1
0.5±0.1
0.4±0.1
0.4
1.5
4.5
1.6±0.1
0.1
+0.2
2.3±0.2
2.3±0.2
0.65±0.1
0.9
0.75
6.5±0.2
5.1
C0.5
(3)
(2)
(1)
0.1
+0.2
1.0±0.2
0.55±0.1
2.3
0.5±0.1
4±0.2
0.45
5
(1) (2) (3)
+0.15
−0.05
2.5+0.4
−0.1
2±0.2
0.45
0.5
−0.05
+0.15
6.8±0.2
2.5±0.2
1.05
0.45±0.1
2.54 2.54
0.5±0.1
(1)
(2)
(3)
0.65Max.


유사한 부품 번호 - 2SD1733

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1733 ROHM-2SD1733 Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Guangdong Kexin Industr...
2SD1733 KEXIN-2SD1733 Datasheet
40Kb / 1P
   Power Transistor
logo
Rohm
2SD1733 ROHM-2SD1733 Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
More results

유사한 설명 - 2SD1733

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
   Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Rohm
2SD1733TLR ROHM-2SD1733TLR Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
   Power Transistor(80V,1A)
logo
Rohm
2SB1260 ROHM-2SB1260_11 Datasheet
146Kb / 3P
   Power Transistor (-80V, -1A)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com