전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2114K 데이터시트(PDF) 2 Page - Rohm

부품명 2SD2114K
상세설명  High-current Gain Medium Power Transistor (20V, 0.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SD2114K 데이터시트(HTML) 2 Page - Rohm

  2SD2114K Datasheet HTML 1Page - Rohm 2SD2114K Datasheet HTML 2Page - Rohm 2SD2114K Datasheet HTML 3Page - Rohm 2SD2114K Datasheet HTML 4Page - Rohm 2SD2114K Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD2114K / 2SD2144S
Transistors
Rev.B
2/4
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
Min.
25
20
12
0.18
350
8.0
0.5
0.5
0.4
V
IC
=10µA
IC
=1mA
IE
=10µA
VCB
=20V
VEB
=10V
IC/IB
=500mA/20mA
VCE
=10V, IE= −50mA, f=100MHz
VCB
=10V, IE=0A, f=1MHz
V
V
µA
µA
hFE
820
2700
VCE
=3V, IC=10mA
V
MHz
pF
Ron
0.8
IB
=1mA, Vi=100mV(rms), f=1kHz
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Output On-resistance
Measured using pulse current
Packaging specifications and hFE
Package
Code
T146
TP
3000
5000
Taping
Basic ordering
unit (pieces)
VW
hFE
VW
2SD2114K
2SD2144S
Type
hFE values are classified as follows :
Item
hFE
V
820 to 1800
W
1200 to 2700
Electrical characteristic curves
0
0.4
0.8
1.2
1.6
2.0
0
0.1
0.2
0.3
0.4
0.5
Ta
=25°C
0.2
µA
0.4
µA
0.6
µA
0.8
µA
1.0
µA
1.2
µA
1.4
µA
1.6
µA
IB
=0
1.8
µA
2.0
µA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Grounded emitter output
characteristics ( )
0
200
400
600
800
1000
02468
10
Ta
=25
°C
Measured using
pulse current.
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
1.2mA
1.4mA
1.6mA
1.8mA 2.0mA
IB
=0mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics (
)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
5
10
20
50
100
200
500
1000
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.3 Grounded emitter propagation
characteristics
VCE
=3V
Measured using
pulse current.
25
°C
−25°C
Ta
=100°C


유사한 부품 번호 - 2SD2114K

제조업체부품명데이터시트상세설명
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
Guangdong Kexin Industr...
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
   Power Transistor
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
2SD2114K ROHM-2SD2114K Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
More results

유사한 설명 - 2SD2114K

제조업체부품명데이터시트상세설명
logo
Rohm
2SD2144STPU ROHM-2SD2144STPU Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146W ROHM-2SD2114KT146W Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K_1 Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
List of Unclassifed Man...
2SD2144 ETC-2SD2144 Datasheet
132Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A) 2SD2114K / 2SD2144S
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
logo
Diodes Incorporated
ZXTP25020DG DIODES-ZXTP25020DG_15 Datasheet
581Kb / 7P
   20V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Rohm
2SD2114K ROHM-2SD2114K_12 Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
logo
Diodes Incorporated
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
logo
SeCoS Halbleitertechnol...
PZT987A SECOS-PZT987A_15 Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com