부품명
         상세내용
2SD1876

 NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS) ( 1 Page)


WINGS
100% 
Zoom Out Zoom In
   
 1 page
background image
NPN
TRIPLE DIFFUSED
2SD1876
PLANAR SILICON TRANSISTOR
COLOR TV HORIZONTAL OUTPUT
APPLICATIONS(Damper Diode BUILT IN)
! High Collector-Base Voltage(V
CBO
=1500V)
TO-3PML
! High Speed Switching
ABSOLUTE MAXIMUM RATINGS (Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation (Tc=25
oC)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
1500
1500
6
3
50
150
-50~150
V
V
V
A
W
oC
oC
ELECTRICAL CHARACTERISTICS (Ta=25
oC)
Characterristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector- Emitter Cutoff Current(VBE=0)
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
ICES
ICBO
IEBO
hFE
VCE(sat)
VCE= 1400 V ,
RBE=0
VCB= 800 V , IE=0
VEB= 4V ,
IC=0
VCE= 5V ,
IC=1A
IC= 2A , IB=0.6A
8
1.0
10
1.0
5.0
mA
µA
mA
V
Wing Shing Computer Components Co., (H.K)Ltd.
TeL:(852)2341 9276 Fax:(852)2797 8153
.
Homepage: http:/ /www.wingshing.com
e_mail:wsccltd@hkstar.com
1 



관련 부품명

부품명상세내용Html View제조사
TT2202NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications 1 2 3 4 Sanyo Semicon Device
2SD1545NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 2 Wing Shing Computer Components
2SD1546NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 Wing Shing Computer Components
2SD1554NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 Wing Shing Computer Components
2SD1556NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 Wing Shing Computer Components
2SC1172NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 Wing Shing Computer Components
2SD1711NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 Wing Shing Computer Components
2SC1413APLANAR SILICON TRANSISTOR NPN TRIPLE DIFFUSED COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 Wing Shing Computer Components
2SD1877NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR COLOR TV HORIZONTAL OUTPUT APPLICATIONS 1 Wing Shing Computer Components

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl