전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17303Q5 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD17303Q5
상세설명  30V N-Channel NexFET??Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CSD17303Q5 데이터시트(HTML) 1 Page - Texas Instruments

  CSD17303Q5 Datasheet HTML 1Page - Texas Instruments CSD17303Q5 Datasheet HTML 2Page - Texas Instruments CSD17303Q5 Datasheet HTML 3Page - Texas Instruments CSD17303Q5 Datasheet HTML 4Page - Texas Instruments CSD17303Q5 Datasheet HTML 5Page - Texas Instruments CSD17303Q5 Datasheet HTML 6Page - Texas Instruments CSD17303Q5 Datasheet HTML 7Page - Texas Instruments CSD17303Q5 Datasheet HTML 8Page - Texas Instruments CSD17303Q5 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0094-01
VGS - Gate-to-Source Voltage - V
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
TC = 25°C
TC = 125°C
G006
ID = 25A
Qg - Gate Charge - nC
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
G003
ID = 25A
VDS = 15V
CSD17303Q5
www.ti.com
SLPS246A – JANUARY 2010 – REVISED FEBRUARY 2010
30V N-Channel NexFET™ Power MOSFET
Check for Samples: CSD17303Q5
1
FEATURES
PRODUCT SUMMARY
2
Optimized for 5V Gate Drive
VDS
Drain to Source Voltage
30
V
Ultralow Qg and Qgd
Qg
Gate Charge Total (4.5V)
18
nC
Low Thermal Resistance
Qgd
Gate Charge Gate to Drain
4
nC
Avalanche Rated
VGS = 3V
2.7
m
RDS(on)
Drain to Source On Resistance
VGS = 4.5V
2
m
Pb Free Terminal Plating
VGS = 8V
1.7
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.1
V
Halogen Free
SON 5-mm × 6-mm Plastic Package
text
text
APPLICATIONS
ORDERING INFORMATION
Notebook Point-of-Load
Device
Package
Media
Qty
Ship
SON 5-mm × 6-mm
13-Inch
Tape and
Point-of-Load Synchronous Buck in
CSD17303Q5
2500
Plastic Package
Reel
Reel
Networking, Telecom and Computing Systems
Optimized for Synchronous FET Applications
text
text
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise stated
VALUE
UNIT
The NexFET™ power MOSFET has been designed
to minimize losses in power conversion applications,
VDS
Drain to Source Voltage
30
V
and optimized for 5V gate drive applications.
VGS
Gate to Source Voltage
+10 / –8
V
Continuous Drain Current, TC = 25°C
100
A
ID
Top View
Continuous Drain Current(1)
32
A
IDM
Pulsed Drain Current, TA = 25°C
(2)
200
A
PD
Power Dissipation(1)
3.2
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
530
mJ
ID = 103A, L = 0.1mH, RG = 25Ω
(1)
RqJA = 39°C/W on 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick)
Cu pad on a 0.06-inch (1.52-mm) thick FR4 PCB.
(2)
Pulse duration
≤300ms, duty cycle ≤2%"
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - CSD17303Q5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17303Q5 TI1-CSD17303Q5 Datasheet
1Mb / 23P
[Old version datasheet]   Using the TPS51916EVM-746 Complete DDR2, DDR3
More results

유사한 설명 - CSD17303Q5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com