전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA823F 데이터시트(PDF) 1 Page - Rohm

부품명 BA823F
상세설명  Serial-Parallel 3-input Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA823F 데이터시트(HTML) 1 Page - Rohm

  BA823F Datasheet HTML 1Page - Rohm BA823F Datasheet HTML 2Page - Rohm BA823F Datasheet HTML 3Page - Rohm BA823F Datasheet HTML 4Page - Rohm BA823F Datasheet HTML 5Page - Rohm BA823F Datasheet HTML 6Page - Rohm BA823F Datasheet HTML 7Page - Rohm BA823F Datasheet HTML 8Page - Rohm BA823F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Serial-in / Parallel-out Driver Series
Serial-Parallel
3-input Driver
BA823F
Description
BA823F are an 8-bit serial-to-parallel-output driver, applicable for thermal printer heads or LED character display drivers.
Features
1) Capable of driving a maximum of 200mA.
2) Non-driving current consumption can be reduced by controlling the strobe timing pulse.
3) Output data terminal can be used for a cascade configuration.
4) Digital ground and power ground are separated.
5) TTL and CMOS allow driving.
Applications
Driver for thermal print head
Driver for LED character display
Absolute maximum ratings (Ta=25℃)
Thermal derating curve
Parameter
Symbol
Limits
Unit
Power supply voltage
Vcc
7.0
1
V
Power
dissipation
BA823F
Pd
500
3
mW
Input voltage
VIN MAX
+0.3 to +6.0
V
Operating temperature
Topr
-20 to +75
Storage temperature
Tstg
-55 to +125
*1 Voltage of O0~O7 terminals is 34V (Max.)
*2 Reduced by 5.5 mW/
C over 25C.
*3 Reduced by 5.0 mW/
C over 25C.
Fig.1
0
125
250
375
500
625
750
875
-25
0
25
50
75
100
125
150
Ambient temperature Ta (℃)
BA823
70℃
BA823F
No.09051EAT01


유사한 부품 번호 - BA823F

제조업체부품명데이터시트상세설명
logo
Rohm
BA823F ROHM-BA823F Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
More results

유사한 설명 - BA823F

제조업체부품명데이터시트상세설명
logo
Rohm
BA829 ROHM-BA829_09 Datasheet
246Kb / 8P
   Serial / Parallel 5-input Driver
logo
Toshiba Semiconductor
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
   10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Toshiba Semiconductor
TD6338P TOSHIBA-TD6338P Datasheet
235Kb / 6P
   Bi-CMOS 10 BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Princeton Technology Co...
PT16940 PTC-PT16940 Datasheet
226Kb / 4P
   Serial-In Parallel-Out 12CH LED Driver with 3-Line Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com