전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7654F 데이터시트(PDF) 1 Page - Rohm

부품명 BA7654F
상세설명  Single Circuit Video Signal Switcher
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7654F 데이터시트(HTML) 1 Page - Rohm

  BA7654F_08 Datasheet HTML 1Page - Rohm BA7654F_08 Datasheet HTML 2Page - Rohm BA7654F_08 Datasheet HTML 3Page - Rohm BA7654F_08 Datasheet HTML 4Page - Rohm BA7654F_08 Datasheet HTML 5Page - Rohm BA7654F_08 Datasheet HTML 6Page - Rohm BA7654F_08 Datasheet HTML 7Page - Rohm BA7654F_08 Datasheet HTML 8Page - Rohm BA7654F_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TECHNICAL NOTE
High-performance Video Signal Switchers
Single Circuit
Video Signal Switcher
BA7654F, BA7653AF/AFV ,BA7652AF
Description
The BA7654F, BA7653AF/AFV, or BA7652AF is a video signal (display signal) switch containing one 2-input or 3-input
circuit.
Each of the input pin formats is “sync-tip clamp input” that matches the synchronous tips of video signals (display signals) to
the same potential. The inputs have an high input impedance configuration, in which they can utilize a small clamp capacitor
(0.01 F (FZ) ceramic capacitor is recommended).
Features
1)
Low value clamp capacitance can be used (Min. 3000 pF
Recommended 0.01
F (FZ) ceramic capacitor)
2)
Low voltage operation is possible
(Operating range 4.0
7.0V)
3)
Superimposed can be applied since switching speed of SW is fast and there is little switching noise
(Typ. 70ns)
4)
Low power consumption
(Typ. 25mW when Vcc=5V)
5)
Large dynamic range
(Typ. 3.1VP-P when Vcc=5V)
6)
Good frequency characteristics
(Typ. 10 MHz 0 dB)
7)
Low interchannel crosstalk
(Typ. –70 dB)
8)
Voltage can be applied to the CTL pin without a VCC voltage.
9)
Built-in mute function
(BA7652AF)
Applications
VCR, TV, and other applications that use display signals.
Product lineup
Part No.
Input type
Mute
Supply voltage(V)
BA7654F
2 in 1 Circuit
4.0
7.0
BA7653AF/AFV
3 in 1 Circuit
BA7652AF
3 in 1 Circuit
Aug.2008


유사한 부품 번호 - BA7654F_08

제조업체부품명데이터시트상세설명
logo
Rohm
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
More results

유사한 설명 - BA7654F_08

제조업체부품명데이터시트상세설명
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com