전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2904HFVM-C 데이터시트(PDF) 1 Page - Rohm

부품명 BA2904HFVM-C
상세설명  Operational Amplifiers: Ground Sense
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2904HFVM-C 데이터시트(HTML) 1 Page - Rohm

  BA2904HFVM-C Datasheet HTML 1Page - Rohm BA2904HFVM-C Datasheet HTML 2Page - Rohm BA2904HFVM-C Datasheet HTML 3Page - Rohm BA2904HFVM-C Datasheet HTML 4Page - Rohm BA2904HFVM-C Datasheet HTML 5Page - Rohm BA2904HFVM-C Datasheet HTML 6Page - Rohm BA2904HFVM-C Datasheet HTML 7Page - Rohm BA2904HFVM-C Datasheet HTML 8Page - Rohm BA2904HFVM-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/24
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Quad
Dual
Dual
BA2904H FVM-C
High-reliabillity
BA2904 F/FV/FVM
Quad
BA10324A F/FV
Dual
BA10358 F/FV
Dual
BA3404 F/FVM
General-purpose
Automotive
BA2904S F/FV/FVM
Operation guaranteed up to +105℃
Operation guaranteed up to +125℃
BA2902S F/FV/KN
Operation guaranteed up to +105℃
BA2902 F/FV/KN
Operation guaranteed up to +125℃
ROHM’s Selection Operational Amplifier / Comparator Series
Operational Amplifiers:
Ground Sense
BA10358F/FV,BA10324AF/FV,BA2904SF/FV/FVM,BA2904F/FV/FVM,
BA2904HFVM-C,BA2902S F/FV/KN,BA2902F/FV/KN,BA3404F/FVM
Description
General-purpose BA10358/BA10324A family and
high-reliability BA2904S/BA2904/BA2902S/BA2902
family and automotive BA2904HFVM-C integrate two
or four independent Op-Amps andphase compensation
capacitors on a single chip andhave some features of
high-gain, low power consumption,and operating
voltage range of 3[V] to 32[V] (single powersupply ).
BA3404 family is realized high speed operation
andreduce the crossover distortions that compare with
BA10358/ BA2904 family.
Characteristics
1) Operable with a single power supply
2) Wide operating supply voltage
+3.0[V]~+32.0[V](single supply) (BA10358/BA10324A/BA2904S/BA2904/BA2902S/BA2902 family,BA2904HFVM-C)
+4.0[V]~+36.0[V](single supply) (BA3404 family)
3) Standard Op-Amp Pin-assignments
4) Input and output are operable GND sense
5) Internal phase compensation type
6) Low supply current
7) High open loop voltage gain
8) Internal ESD protection
Human body model(HBM) ±5000[V](Typ.) (BA2904S/BA2904/BA2902S/BA2902/BA3404 family,BA2904HFVM-C)
9) Gold PAD (BA2904S/BA2904/BA2902S/BA2902/BA3404 family,BA2904HFVM-C)
10) Wide temperature range
-40[℃]~+125[℃] (BA2904/BA2902 family,BA2904HFVM-C)
-40[℃]~+105[℃] (BA2904S/BA2902S family)
-40[℃]~+85[℃] (BA10358/BA10324/BA3404 family)
Pin Assignment
SOP8
1
2
3
4
12
11
10
9
+IN1
VCC
NC
+IN2
-IN2
OUT2 OUT3 -IN3
-IN1
OUT1 OUT4 -IN4
+IN4
VEE
NC
+IN3
CH1
-
+
CH4
-
+
CH2
CH3
16
15
14
13
5
6
7
8
SSOP-B8
MSOP8
SOP14
SSOP-B14
VQFN16
BA10358F
BA2904F
BA10358FV
BA2904FV
BA2904FVM
BA10324AF
BA2902F
BA10324AFV
BA2902FV
BA2902KN
BA3404F
BA3404FVM
1
2
3
4
8
7
5
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2
CH1
- +
CH2
+ -
6
OUT1
-IN1
+IN1
-IN2
CH1
-
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
+IN2
OUT2
OUT4
-IN4
+IN4
-IN3
VEE
+IN3
OUT3
CH4
+
-
CH2
-
+
CH3
+
-
BA10358F
BA2904SF
BA2904F
BA3404F
BA10358FV
BA2904SFV
BA2904FV
BA2904SFVM
BA2904FVM
BA3404FVM
BA2904HFVM-C
BA10324AF
BA2902SF
BA2902F
BA10324AFV
BA2902SFV
BA2902FV
BA2902SKN
BA2902KN
No.09049EAT03


유사한 부품 번호 - BA2904HFVM-C

제조업체부품명데이터시트상세설명
logo
Rohm
BA2904F ROHM-BA2904F Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2904F ROHM-BA2904F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F ROHM-BA2904F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F ROHM-BA2904F Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F ROHM-BA2904F Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

유사한 설명 - BA2904HFVM-C

제조업체부품명데이터시트상세설명
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com