전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2041AFJ 데이터시트(PDF) 1 Page - Rohm

부품명 BD2041AFJ
상세설명  1ch Large Current Output USB High Side Switch ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2041AFJ 데이터시트(HTML) 1 Page - Rohm

  BD2041AFJ_09 Datasheet HTML 1Page - Rohm BD2041AFJ_09 Datasheet HTML 2Page - Rohm BD2041AFJ_09 Datasheet HTML 3Page - Rohm BD2041AFJ_09 Datasheet HTML 4Page - Rohm BD2041AFJ_09 Datasheet HTML 5Page - Rohm BD2041AFJ_09 Datasheet HTML 6Page - Rohm BD2041AFJ_09 Datasheet HTML 7Page - Rohm BD2041AFJ_09 Datasheet HTML 8Page - Rohm BD2041AFJ_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/18
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Power Management Switch IC Series or PCs and Digital Consumer Product
1ch Large Current Output
USB High Side Switch ICs
BD2041AFJ,BD2051AFJ,BD6518FJ,BD6519FJ
Description
Single channel high side switch IC for USB port is a high side switch having over current protection used in power supply line
of universal serial bus (USB).
N-channel power MOSFET of low on resistance and low supply current are realized in this IC.
And, over current detection circuit, thermal shutdown circuit, under voltage lockout and soft start circuit are built in.
Features
1) Built-in low on resistance Nch MOS FET Switch.
Typ = 80mΩ (BD2041AF/BD2051AFJ)
Typ = 100mΩ (BD6518F/BD6519FJ)
2) Continuous current load 0.5A
3) Control input logic
Active-Low : BD2041AFJ/ BD6519FJ
Active-High : BD2051AFJ/ BD6518FJ
4) Soft start circuit
5) Over current detection
6) Thermal shutdown
7) Under voltage lockout
8) Open drain error flag output
9) Reverse-current protection when power switch off
10) Power supply voltage range
2.7V~5.5V (BD2041AF/BD2051AFJ)
3.0V~5.5V (BD6518F/BD6519FJ)
11) Operating temperature range -40°C~85°C
Applications
USB hub in consumer appliances, Car accessory, PC, PC peripheral equipment, and so forth
Lineup
Parameter
BD2041AFJ
BD2051AFJ
BD6518FJ
BD6519FJ
Continuous current load (A)
0.5
0.5
0.5
0.5
Output current at short (A)
1.0
1.0
1.1
1.1
Control input logic
Low
High
High
Low
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply voltage
VIN
-0.3 to 6.0
V
Enable voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
°C
Power dissipation
PD
560
*1
mW
*1 In the case of exceeding Ta = 25°C, 4.48mW should be reduced per 1°C.
*
This chip is not designed to protect itself against radioactive rays.
IN, EN (/EN), and /OC terminal of BD2041AFJ/BD2051AFJ correspond to VDD, CTRL, and FLAG terminal of BD6518FJ/BD6519FJ, respectively.
No.09029EAT03


유사한 부품 번호 - BD2041AFJ_09

제조업체부품명데이터시트상세설명
logo
Rohm
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2041AFJ_09

제조업체부품명데이터시트상세설명
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com