전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2061AFJ 데이터시트(PDF) 3 Page - Rohm

부품명 BD2061AFJ
상세설명  1ch Large Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2061AFJ 데이터시트(HTML) 3 Page - Rohm

  BD2061AFJ Datasheet HTML 1Page - Rohm BD2061AFJ Datasheet HTML 2Page - Rohm BD2061AFJ Datasheet HTML 3Page - Rohm BD2061AFJ Datasheet HTML 4Page - Rohm BD2061AFJ Datasheet HTML 5Page - Rohm BD2061AFJ Datasheet HTML 6Page - Rohm BD2061AFJ Datasheet HTML 7Page - Rohm BD2061AFJ Datasheet HTML 8Page - Rohm BD2061AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BD2061AFJ,BD2065AFJ
Technical Note
3/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Measurement circuit
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
A
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
RL
CL
IN
OUT
OUT
1uF
VEN(V/EN)
Operating current
EN, /EN input voltage, Output rise, fall time
EN(/EN)
OUT
/OC
IN
GND
VIN
CL
IN
OUT
OUT
1uF
IOUT
VIN
10k
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
I/OC
VIN
VEN(V/EN)
ON resistance, Over current detection
/OC output LOW voltage
Fig.1 Measurement circuit
Timing diagram
BD2061AFJ
BD2065AFJ
TON2
TON1
10%
90%
50%
50%
90%
10%
TOFF2
TOFF1
VOUT
V/EN
TON2
TON1
10%
90%
50%
50%
90%
10%
TOFF2
TOFF1
VOUT
VEN
Fig.2 Timing diagram
Fig.3 Timing diagram


유사한 부품 번호 - BD2061AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2061AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com