전자부품 데이터시트 검색엔진 |
|
BD3506F 데이터시트(PDF) 2 Page - Rohm |
|
BD3506F 데이터시트(HTML) 2 Page - Rohm |
2 / 17 page 2/16 ●ABSOLUTE MAXIMUM RATINGS ◎ BD3506F ○ ABSOLUTE MAXIMUM RATINGS(Ta=25℃) Parameter Symbol BD3506F BD3506EFV Unit Input Voltage1 VCC 7 * 1 7 * 1 V Input Voltage2 VIN 7 * 1 7 * 1 V Enable Input Voltage Ven 7 7 V Power Dissipation1 Pd1 560 * 2 - mW Power Dissipation2 Pd2 690 * 3 1000 * 4 mW Operating Temperature Range Topr -10~+100 -10~+100 ℃ Storage Temperature Range Tstg -55~+125 -55~+125 ℃ Maximum Junction Temperature Tjmax +150 +150 ℃ *1 However, not exceeding Pd. *2 In the case of Ta≥25°C (no heat radiation board), derated at 4.48 mW/°C. *3 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate), derated at 5.52 mW/°C. *4 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate), derated at 8.00 mW/°C. ● RECOMMENDED OPERATING CONDITIONS ◎ BD3506F/EFV ○ RECOMMENDED OPERATING CONDITIONS(Ta=25℃) Parameter Symbol MIN MAX Unit Input Voltage1 VCC 4.3 5.5 V Input Voltage2 VIN 1.2 VCC-1 * 5 V Output Voltage Vo VFB 2.5 V Enable Input Voltage Ven -0.3 5.5 V Capacitor in NRCS pin CNRCS 0.001 1 uF *5 However, irrespective of charging order of VCC and VIN. * No radiation-resistant design is adopted for the present product. |
유사한 부품 번호 - BD3506F_08 |
|
유사한 설명 - BD3506F_08 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |