전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3502FVM 데이터시트(PDF) 11 Page - Rohm

부품명 BD3502FVM
상세설명  Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3502FVM 데이터시트(HTML) 11 Page - Rohm

Back Button BD3502FVM Datasheet HTML 7Page - Rohm BD3502FVM Datasheet HTML 8Page - Rohm BD3502FVM Datasheet HTML 9Page - Rohm BD3502FVM Datasheet HTML 10Page - Rohm BD3502FVM Datasheet HTML 11Page - Rohm BD3502FVM Datasheet HTML 12Page - Rohm BD3502FVM Datasheet HTML 13Page - Rohm BD3502FVM Datasheet HTML 14Page - Rohm BD3502FVM Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
●Evaluation Board (BD3500/01/02FVM)
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3500/01/02FVM
U2
NMOS
ROHM
RTW060N03
C1
1uF
ROHM
MCH184CN105KK
C2
0.01uF
ROHM
Part No
Value
Company
Parts Name
C3
0.01uF
ROHM
C4
10uF
ROHM
MCH218CN106K
C5
220uF
SANYO,etc 2R5TPE220MF
●Evaluation Board (BD3504FVM)
Part No
Value
Company
Parts Name
U1
-
ROHM
BD35304FVM
U2
NMOS
ROHM
RTW060N03
R1
3.9K
ROHM
MCR03EZPF3901
R1’
3.3K
ROHM
MCR03EZPF3301
R2
3.9K
ROHM
MCR03EZPF3901
Part No
Value
Company
Parts Name
R2’
3.3K
ROHM
MCR03EZPF3301
C1
1uF
ROHM
MCH184CN105KK
C2
0.01uF
ROHM
MCH185CN103KK
C3
10uF
ROHM
MCH218CN106KP
C4
220uF
SANYO,etc 2R5TPE220MF
BD3504FVM Evaluation Board Circuit
BD3504FVM
G
EN
VCC
NRCS
VD
VS
GND
VCC
S1
3
6
5
7
U1
VFB
GND
VTTS
1
C1
4
2
VCC
8
VIN
VOUT
C2
C3
C4
U2
R2’
R1’
R2
R1
BD3504FVM Evaluation Board Application Components
BD3504FVM Evaluation Board Layout
Silk Screen
TOP Layer
Bottom Layer
BD350XFVM Evaluation Board Circuit
BD350XFVM Evaluation Board Layout
Silk Screen
TOP Layer
Bottom Layer
BD350XFVM Evaluation Board Application Components
BD350XFVM
G
EN
VCC
NRCS
VIN
VFB
GND
VCC
S1
8
6
7
U1
1
C1
4
2
VCC
VIN
VOUT
C3
C4
C5
U2
SCP
3
C2
5


유사한 부품 번호 - BD3502FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BD3502FVM ROHM-BD3502FVM Datasheet
260Kb / 6P
   Single Channel Series Regulator Driver IC
BD3502FVM ROHM-BD3502FVM Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
More results

유사한 설명 - BD3502FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9081A RICHTEK-RT9081A Datasheet
257Kb / 12P
   Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com