전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3507HFV 데이터시트(PDF) 2 Page - Rohm

부품명 BD3507HFV
상세설명  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3507HFV 데이터시트(HTML) 2 Page - Rohm

  BD3507HFV Datasheet HTML 1Page - Rohm BD3507HFV Datasheet HTML 2Page - Rohm BD3507HFV Datasheet HTML 3Page - Rohm BD3507HFV Datasheet HTML 4Page - Rohm BD3507HFV Datasheet HTML 5Page - Rohm BD3507HFV Datasheet HTML 6Page - Rohm BD3507HFV Datasheet HTML 7Page - Rohm BD3507HFV Datasheet HTML 8Page - Rohm BD3507HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/15
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
Parameter
Symbol
Limit
Unit
Input Voltage1
VCC
6.0
*1 *2
V
Input Voltage2
VIN
6.0
*1 *2
V
Enable Input Voltage
VEN
6.0
*1 *2
V
Power Dissipation1
Pd1
512.5
*3
mW
Power Dissipation2
Pd2
850.0
*4
mW
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*1 However, not exceeding Pd.
*2 Maximum rating that can stand instantaneous voltage application such as surge, back EMF, or continuous pulse application whose duty ratio lowers 10%.
*3 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate), derated at 4.1 mW/°C.
*4 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate (copper foil area: 100 mm
2)), derated at 6.8 mW/°C.
OPERATING CONDITIONS (Ta=25℃)
Parameter
Symbol
MIN
MAX
Unit
Input Voltage1
VCC
4.5
5.5
V
Input Voltage2
VIN
1.2
Vcc-1
V
VREF Setup Voltage
VREF
0.65
2.7
V
EN Input Voltage
VEN
-0.3
5.5
V
Output Current
IO
0
550
mA
No radiation-resistant design is adopted for the present product.
ELECTRICAL CHARACTERISTICS (unless otherwise noted, Ta=25℃, VCC=5V, VIN=1.8V, VREF=1.2V, VEN=3V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Bias Current
ICC
-
0.4
0.7
mA
Standby Current1
ISTB
-
0
10
μA
VEN=0V
Standby Current2
IINSTB
-
0
10
μA
VEN=0V
Output Voltage1
VO1
1.188
1.200
1.212
V
Io=0mA
Output Voltage2
VO2
1.188
1.200
1.212
V
Io=300mA
Output Voltage3
VO3
1.176
1.200
1.224
V
Io=0mA to 550mA
Vcc=4.5V to 5.5V
Ta=-10℃ to 100℃
*5
Output Voltage4
Vo4
2.475
2.500
2.525
V
VIN=3.3V,VREF=2.5V Io=0mA
Output Voltage5
Vo5
2.475
2.500
2.525
V
VIN=3.3V,VREF=2.5V
Io=300mA
Output Voltage6
Vo6
2.450
2.500
2.550
V
VIN=3.3V,VREF=2.5V
Io=0mA to 550mA
Vcc=4.5V to 5.5V
Ta=-10℃ to 100℃
*5
Over Current Protect
ICL
600
-
-
mA
Output ON Resistance
RON
-
300
550
mΩ
High Level Enable Input Voltage
ENHigh
2.0
-
-
V
EN:Sweep-up
Low Level Enable Input Voltage
ENLOW
-0.2
-
0.8
V
EN:Sweep-down
Enable Pin Input Current
IEN
-
7
10
μA
VEN=3V
UVLO OFF Voltage
VUVLO
3.5
3.8
4.1
V
Vcc:Sweep-up
UVLO Hysteresis Voltage
VHYS
100
160
220
mV
Vcc:Sweep-down
VREF Pin Bias Current
IVREF
-0.1
-
0.1
μA
VREF=0→2.7 V
*5
VREF Discharge ON Resistance
RONREF
-
1.0
2.0
kΩ
Output Discharge ON Resistance
RONDIS
-
0.1
0.3
kΩ
*5 Design Guarantee


유사한 부품 번호 - BD3507HFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3507HFV ROHM-BD3507HFV Datasheet
227Kb / 6P
   1ch Series Regulator Driver IC
BD3507HFV ROHM-BD3507HFV Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
More results

유사한 설명 - BD3507HFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com