전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3512MUV 데이터시트(PDF) 6 Page - Rohm

부품명 BD3512MUV
상세설명  Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3512MUV 데이터시트(HTML) 6 Page - Rohm

Back Button BD3512MUV_08 Datasheet HTML 2Page - Rohm BD3512MUV_08 Datasheet HTML 3Page - Rohm BD3512MUV_08 Datasheet HTML 4Page - Rohm BD3512MUV_08 Datasheet HTML 5Page - Rohm BD3512MUV_08 Datasheet HTML 6Page - Rohm BD3512MUV_08 Datasheet HTML 7Page - Rohm BD3512MUV_08 Datasheet HTML 8Page - Rohm BD3512MUV_08 Datasheet HTML 9Page - Rohm BD3512MUV_08 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
●Block Diagram
●Pin Layout
●Pin Function Table
PIN No.
PIN name
PIN Function
1
GND1
Ground Pin 1
2
SCP
SCP Delay Time Setting Capacitor
Connection Pin
3
PGDLY
PGOOD Delay Setting
Capacitor Connection Pin
4
PG
Power Good Pin
5
VCC
Power Supply Pin
6
VCC
Power Supply Pin
7
EN
Enable Input Pin
8
VD
VIN Input Voltage Detect Pin
9
VIN1
Input Voltage Pin 1
10
VIN2
Input Voltage Pin 2
11
VIN3
Input Voltage Pin 3
12
VIN4
Input Voltage Pin 4
13
VIN5
Input Voltage Pin 5
14
Vo1
Output Voltage Pin 1
15
Vo2
Output Voltage Pin 2
16
Vo3
Output Voltage Pin 3
17
Vo4
Output Voltage Pin 4
18
Vo5
Output Voltage Pin 5
19
FB
Reference Voltage Feedback Pin
20
NRCS
In-rush Current Protection (NRCS)
Capacitor Connection Pin
bottom
FIN
Connected to heatsink and GND
Reference
Block
VIN
UVLOLATCH
Current
Limit
EN
VCC
VCC
VCC
VCC
EN
UVLO1
UVLO2
VREF
GND
CL
UVLO1
UVLO2
TSD
SCP
EN
UVLO1
CL
VCC
VREF
×0.7
SCP
NRCS
6
7
2
20
NRCS
TSD
NRCS×0.3
VREF×0.4
FB
SCP/TSD
LATCH
LATCH
EN
UVLO1
EN/UVLO
NRCS
VD
VIN
VO
FB
VIN
VO
R2
R1
R2
R1
19
18
17
16
15
14
13
12
11
10
9
8
C1
C2
C3
CNRCS
CSCP
1
CFB
5
VCC
3
POWER
GOOD
4
PG
PGDLY
*
Please short N.C to the GND line.
16
17
18
19
20
1
2
3
4
5
10
9
8
7
6
15
14
13
12
11
Vo2
Vo1
VIN5
VIN4 VIN3
VCC
PG
PGDLY
SCP
GND1
VIN2
VIN1
VD
EN
VCC
Vo3
Vo4
Vo5
FB
NRCS
FIN


유사한 부품 번호 - BD3512MUV_08

제조업체부품명데이터시트상세설명
logo
Shenzhen Bencent Electr...
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
logo
Won-Top Electronics
BD35160 WTE-BD35160 Datasheet
31Kb / 2P
   35A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
logo
Shunye Enterprise
BD351N SHUNYE-BD351N Datasheet
231Kb / 2P
   35 AMP BLOCK DIODES
BD351P SHUNYE-BD351P Datasheet
231Kb / 2P
   35 AMP BLOCK DIODES
More results

유사한 설명 - BD3512MUV_08

제조업체부품명데이터시트상세설명
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com