전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3533FVM 데이터시트(PDF) 7 Page - Rohm

부품명 BD3533FVM
상세설명  Termination Regulators for DDR-SDRAMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3533FVM 데이터시트(HTML) 7 Page - Rohm

Back Button BD3533FVM Datasheet HTML 3Page - Rohm BD3533FVM Datasheet HTML 4Page - Rohm BD3533FVM Datasheet HTML 5Page - Rohm BD3533FVM Datasheet HTML 6Page - Rohm BD3533FVM Datasheet HTML 7Page - Rohm BD3533FVM Datasheet HTML 8Page - Rohm BD3533FVM Datasheet HTML 9Page - Rohm BD3533FVM Datasheet HTML 10Page - Rohm BD3533FVM Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
0.89
0.89
0.90
0.90
0.90
0.90
0.90
0.91
0.91
-2
-1
0
1
2
ITT(A)
Fig.13 IREF-VREF (DDR-Ⅰ)
Fig.14 IREF-VREF (DDR-Ⅱ)
Fig.15 ITT-VTT (DDR-Ⅰ)
Fig.16 ITT-VTT (DDR-Ⅱ)
1.244
1.246
1.248
1.250
1.252
1.254
1.256
1.258
-2
-1
0
1
2
ITT(A)
1.248
1.249
1.25
1.251
1.252
-10
-5
0
5
10
IREF(mA)
0.897
0.898
0.899
0.9
0.901
0.902
-10
-5
0
5
10
IREF(mA)
Fig.17 Input Sequence 1
Fig.18 Input Sequence 2
Fig.19 Input Sequence 3
VTT_IN
VREF
VTT
(1A/div)
ITT_IN
Fig.20 Start up Wave Form
VCC
EN
VDDQ
VTT IN
VTT
VCC
EN
VDDQ
VTT IN
VTT
VCC
EN
VDDQ
VTT IN
VTT
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
0.912


유사한 부품 번호 - BD3533FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BD3533FVM ROHM-BD3533FVM Datasheet
253Kb / 6P
   Regulator IC for Memory Termination
More results

유사한 설명 - BD3533FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com