전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3551HFN 데이터시트(PDF) 9 Page - Rohm

부품명 BD3551HFN
상세설명  Ultra Low Dropout Linear Regulators for PC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3551HFN 데이터시트(HTML) 9 Page - Rohm

Back Button BD3551HFN Datasheet HTML 5Page - Rohm BD3551HFN Datasheet HTML 6Page - Rohm BD3551HFN Datasheet HTML 7Page - Rohm BD3551HFN Datasheet HTML 8Page - Rohm BD3551HFN Datasheet HTML 9Page - Rohm BD3551HFN Datasheet HTML 10Page - Rohm BD3551HFN Datasheet HTML 11Page - Rohm BD3551HFN Datasheet HTML 12Page - Rohm BD3551HFN Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
●Timing Chart
EN ON/OFF
VCC ON/OFF
Tracking sequence
VIN
VCC
EN
NRCS
Vo
VIN
VCC
EN
NRCS
Vo
t
t
Startup
Hysteresis
UVLO
Startup
0.65V(typ)
0.65V(typ)
1.8V Output
1.2V Output
(R1=3.9kΩ, R2=3.3kΩ)
Tracking sequence
1.8V
1.2V
Ratio-metric sequence
NRCS
FB
V0
Vo
R2
R1
3.3kΩ
1.2V
3.9kΩ
DC/DC
1.8V


유사한 부품 번호 - BD3551HFN

제조업체부품명데이터시트상세설명
logo
Rohm
BD3551HFN ROHM-BD3551HFN Datasheet
356Kb / 6P
   Silicon monolithic integrated circuit 1ch Series Regulator Driver IC
More results

유사한 설명 - BD3551HFN

제조업체부품명데이터시트상세설명
logo
Rohm
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com