전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3825FS 데이터시트(PDF) 3 Page - Rohm

부품명 BD3825FS
상세설명  PAL Audio I/O Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3825FS 데이터시트(HTML) 3 Page - Rohm

  BD3825FS Datasheet HTML 1Page - Rohm BD3825FS Datasheet HTML 2Page - Rohm BD3825FS Datasheet HTML 3Page - Rohm BD3825FS Datasheet HTML 4Page - Rohm BD3825FS Datasheet HTML 5Page - Rohm BD3825FS Datasheet HTML 6Page - Rohm BD3825FS Datasheet HTML 7Page - Rohm BD3825FS Datasheet HTML 8Page - Rohm BD3825FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/8
Block diagram
Fig.1 Block Diagram
12V
H
M
L
6.7V
FS_L1 OUT
-5V
+5V
+12V
TU_Lch
DA_Lch
L1_Lch
TU_Rch
DA_Rch
L1_Rch
DA_Lch
AUX_Lch
DA_Rch
AUX_Rch
SW1
SW2
TU/DA/L1
12V
H
M
L
6.7V
FS_AUX OUT
1
2
3
1
2
3
1
1
2
2
MUTE
4
MUTE
4
MUTE
3
MUTE
3
DA/AUX


유사한 부품 번호 - BD3825FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
More results

유사한 설명 - BD3825FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
BD3822FS ROHM-BD3822FS_05 Datasheet
501Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording/Playing
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
BH7760KV ROHM-BH7760KV Datasheet
91Kb / 7P
   Analog signal I / O interface for portable audio applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com