전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3951F 데이터시트(PDF) 2 Page - Rohm

부품명 BD3951F
상세설명  Regulator with Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3951F 데이터시트(HTML) 2 Page - Rohm

  BD3951F_09 Datasheet HTML 1Page - Rohm BD3951F_09 Datasheet HTML 2Page - Rohm BD3951F_09 Datasheet HTML 3Page - Rohm BD3951F_09 Datasheet HTML 4Page - Rohm BD3951F_09 Datasheet HTML 5Page - Rohm BD3951F_09 Datasheet HTML 6Page - Rohm BD3951F_09 Datasheet HTML 7Page - Rohm BD3951F_09 Datasheet HTML 8Page - Rohm BD3951F_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BD3951F
Technical Note
2/9
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics(Unless otherwise specified Ta=-40℃~+125℃,Vcc=13.5V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
[Whole Device]
Input Current
Icc
-
135
210
μA
Iout=0.3mA
[Regulator Block]
Output Voltage
Vout
4.90
5.00
5.10
V
Vcc=6~20V,Iout=1~100mA
Line Regulation
Lin.Reg
-
10
20
mV
Vcc=6~20V
Load Regulation
Load.Reg
-
15
30
mV
Iout=1~100mA
Dropout Voltage
ΔVd
-
0.31
0.50
V
Vcc=4.75V, Io=100mA
Output Peak Current
Iomax
150
-
-
mA
(Current Limit)
[Reset Block]
Threshold Voltage
Vdet
Vout
×0.92
Vout
×0.94
Vout
×0.96
V
Hysteresis Voltage
Vhys
50
100
150
mV
Reset Delay Time L->H
TdLH
17
30
-
mS
CT=0.1μF
*6
Reset Delay Time H->H
TdHL
-
4
-
μS
CT=0.1μF
RES Pull Up Resistor
Rrst
10
20
40
kΩ
RES Low Output Voltage
VrL
-
0.08
0.40
V
4V<Vout<Vdet, Input Current is 0.2mA
Reset Adjustable Voltage
Vradj
1.18
1.26
1.34
V
[Vcc Detection Block]
Threshold Voltage
Vsdet
1.19
1.26
1.33
V
Hysteresis Voltage
Vsdet off
1.240
1.335
1.430
V
SOUT Pull Up Resistor
Rso
10
20
40
kΩ
SOUT Low Output Voltage
VsL
-
0.06
0.40
V
Vout>4V, Vsin<Vsdet
Input Current is 1.5mA
SIN Input Current
Isin
-1
0
1
μA
Vsin=2V
*6 TdLH set by Cct terminal capacitor. TdLH ≈ 300k×Cct


유사한 부품 번호 - BD3951F_09

제조업체부품명데이터시트상세설명
logo
Rohm
BD3951F ROHM-BD3951F Datasheet
320Kb / 6P
   System Regulator (RESET, Vcc-Detection and 150mA LDO)
More results

유사한 설명 - BD3951F_09

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Torex Semiconductor
XC6408 TOREX-XC6408 Datasheet
606Kb / 34P
   28V Operation Voltage Regulator with Voltage Detector
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com