전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3951F 데이터시트(PDF) 4 Page - Rohm

부품명 BD3951F
상세설명  Regulator with Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3951F 데이터시트(HTML) 4 Page - Rohm

  BD3951F Datasheet HTML 1Page - Rohm BD3951F Datasheet HTML 2Page - Rohm BD3951F Datasheet HTML 3Page - Rohm BD3951F Datasheet HTML 4Page - Rohm BD3951F Datasheet HTML 5Page - Rohm BD3951F Datasheet HTML 6Page - Rohm BD3951F Datasheet HTML 7Page - Rohm BD3951F Datasheet HTML 8Page - Rohm BD3951F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BD3951F
Technical Note
4/9
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block Diagram, Application Circuit, Pin Description
PIN
External
Component
Value
Vcc
Capacitor :Cin
0.33μF~
10mF
OUT
Capacitor :Co
3.3μF~
2200μF
CT
Capacitor :Cct
0.01μF~10μF
SIN
Resistor :R1,R2
0Ω~100kΩ
RADJ
Resistor :R3,R4
0Ω~100kΩ
ESR range of the output capacitor Co is 0 (ceramic capacitor) to 100Ω.
VCC must be more than 5V under the condition SIN is used for VCC voltage drop detection.
Ex. Vcc=5.8V detection, Since 1.26V*(R1+R2)/R1=5.8V,
R1=10kΩ,R2=36kΩ
Reset detection voltage must be more than 4V under the condition RADJ is used for OUT voltage drop detection.
Ex. OUT=4.5V detection, Since 1.26V*(R3+R4)/R3=4.5V,
R3=10kΩ,R4=26kΩ
RESET function can be discarded while RADJ terminal pulls up to OUT terminal, which in case RES terminal output “H”.
Battery detection function can be discarded while SIN terminal pulls up to OUT terminal, which in case SOUT terminal output
“H”. 0~47KΩ pull up resistors are recommended in both condition.
Set application board test is necessary to select the
right pull up resistor value.
Terminal Description
Pin. No
Pin Name
Function
1
Vcc
Battery power supply
2
SIN
Battery voltage detection input terminal. Must be connected to OUT terminal while this
function is not employed.
3
RADJ
RESET voltage adjustment terminal. Connect to GND in case internal detect voltage is
employed
4
CT
RESET delay time control terminal
5
GND
IC GND terminal
6
RES
RESET output terminal. Built in 20KΩ pull up.
7
SOUT
Battery voltage detection output terminal. Built in 20KΩ pull up.
8
OUT
5.0V output terminal
OUT SOUT RES GND
Vcc
SIN RADJ CT
Fig.13
Fig.14
Vref
OUT
GND
CT
RES
PreReg
SOUT
SIN
20kΩ
20kΩ
VCC
RADJ
VCC
1
2
3
4
5
6
7
8
0.33μF
3.3μF
0.1μF
R2:36kΩ
R1:10kΩ
Vcc
OUT
(8PIN)
3.3μF
R4=26kΩ
R3=10kΩ
RADJ
(3PIN)


유사한 부품 번호 - BD3951F

제조업체부품명데이터시트상세설명
logo
Rohm
BD3951F ROHM-BD3951F Datasheet
320Kb / 6P
   System Regulator (RESET, Vcc-Detection and 150mA LDO)
More results

유사한 설명 - BD3951F

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Torex Semiconductor
XC6408 TOREX-XC6408 Datasheet
606Kb / 34P
   28V Operation Voltage Regulator with Voltage Detector
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com