전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0269A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0269A
상세설명  Differential SAW Filter 1220 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0269A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0269A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0269A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0269A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0269A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0269A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0269A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
3. Sdd21 Response (wide band)
-80
-70
-60
-50
-40
-30
-20
-10
0
500
700
900
1100
1300
1500
1700
1900
MHz
E. Outline Drawing:
F. PCB FOOTPRINT:
Pin 1; 2 : Balanced Input
Pin 5, 6 : Balanced Output
P3,4,7,8 : Ground
: Year Code
: Date Code
Unit : mm


유사한 부품 번호 - TA0269A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0269A GOLLEDGE-TA0269A Datasheet
117Kb / 4P
   SAW Filter 1220MHz
More results

유사한 설명 - TA0269A

제조업체부품명데이터시트상세설명
logo
RF Monolithics, Inc
SF2194E RFM-SF2194E Datasheet
475Kb / 5P
   1220 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
   SAW Filter 1220 MHz
logo
TriQuint Semiconductor
856298 TRIQUINT-856298_15 Datasheet
376Kb / 6P
   1220 MHz SAW Filter
856184 TRIQUINT-856184 Datasheet
580Kb / 5P
   1220 MHz SAW Filter
856183 TRIQUINT-856183 Datasheet
559Kb / 5P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2032E RFM-SF2032E Datasheet
166Kb / 5P
   1220 MHz SAW Filter
SF2017D RFM-SF2017D Datasheet
178Kb / 4P
   1220 MHz SAW Filter
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
   1220 MHz SAW Filter
logo
TriQuint Semiconductor
856298 TRIQUINT-856298 Datasheet
564Kb / 5P
   1220 MHz SAW Filter
856598 TRIQUINT-856598_15 Datasheet
1Mb / 6P
   1220 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com