전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0286A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0286A
상세설명  SAW Filter 433MHz SMD 5.0횞5.0 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0286A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0286A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0286A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0286A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0286A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0286A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
E.OUTLINE DRAWING:
#2: Input
#6: Output
#1,3,4,5,7,8: Ground
: Date Code
Unit: mm
   
Network analyzer
   
SAW Filter
2
6
1,3,4,5,7,8
50Ω
50Ω


유사한 부품 번호 - TA0286A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0286A GOLLEDGE-TA0286A Datasheet
133Kb / 4P
   SAW Filter 433MHz
More results

유사한 설명 - TA0286A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0422A TAI-SAW-TA0422A Datasheet
695Kb / 5P
   SAW Filter 230.4MHz SMD 5.0횞5.0 mm
TA0693A TAI-SAW-TA0693A Datasheet
286Kb / 6P
   SAW Filter 435MHz SMD 5.0횞5.0 mm
TA0437A TAI-SAW-TA0437A Datasheet
444Kb / 5P
   SAW Filter 169MHz SMD 5.0횞5.0 mm
TB0705A TAI-SAW-TB0705A Datasheet
293Kb / 7P
   SAW Filter 453MHz (SMD 5.0횞5.0 mm)
TB0704A TAI-SAW-TB0704A Datasheet
290Kb / 7P
   SAW Filter 420MHz (SMD 5.0횞5.0 mm)
TB0703A TAI-SAW-TB0703A Datasheet
425Kb / 7P
   SAW Filter 280MHz (SMD 5.0횞5.0 mm)
TA0369A TAI-SAW-TA0369A Datasheet
523Kb / 5P
   SAW Filter 220MHz SMD 5.0횞5.0 mm
TA0526A TAI-SAW-TA0526A Datasheet
226Kb / 7P
   SAW Filter 415.4MHz SMD 5.0횞5.0 mm
TA0342A TAI-SAW-TA0342A Datasheet
703Kb / 6P
   SAW Filter 713MHz SMD 5.0횞5.0 mm
TA0461A TAI-SAW-TA0461A Datasheet
484Kb / 5P
   SAW Filter 184MHz SMD 5.0횞5.0 mm
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com