전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0319A 데이터시트(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0319A
상세설명  SAW Filter 1960 MHz for Mobile Communication
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0319A 데이터시트(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0319A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
1
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: Dec, 31, 2003
Product Name: SAW Filter 1960 MHz for Mobile Communication
TST Parts No.: TA0319A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Bob Chau
Approval by:
Francis Chen
Date:
12,31,2003
FR-71S03-01


유사한 부품 번호 - TA0319A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0319A GOLLEDGE-TA0319A Datasheet
196Kb / 5P
   SAW Filter 1960.0MHz
More results

유사한 설명 - TA0319A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0246A TAI-SAW-TA0246A Datasheet
391Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
logo
EPCOS
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
   SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
   SAW Filter 1747.5 MHz for Mobile Communication
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com