전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0390A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0390A
상세설명  SAW Filter 940.5 MHz SMD 3.0X3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0390A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0390A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 940.5 MHz
MODEL NO.: TA0390A
REV. NO.:1
A. MAXIMUM RATING:
1.Operating Temperature: -10
°C ~ +75°C
2.Storage Temperature: -40
°C ~ +85°C
B. Characteristics :
Singled to Balanced operation
Terminating source impedance :
Zs = 50 Ω
Terminating load impedance :
ZL = 150 Ω// 50 nH
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
940.5
-
-
Insertion loss( 921~960 MHz) I.L.
(dB)
-
3.2
4.3
-
Ripple
( 921~960 MHz)
(dB)
-
1.3
2.3
-
VSWR
( 921~960 MHz)
-
1.8
2.5
-
Attenuation:( Reference level from 0 dB)
0 ~ 880
MHz
(dB)
50
53
-
-
880 ~ 900
MHz
(dB)
28
44
-
-
900 ~ 910
MHz
(dB)
16
36
-
-
980 ~ 1000
MHz
(dB)
20
27
-
-
1000 ~ 1050 MHz
(dB)
28
31
-
-
1050 ~ 1500 MHz
(dB)
50
54
-
-
1500 ~ 2130 MHz
(dB)
45
62
-
-
2130 ~ 3000 MHz
(dB)
40
57
-
-
3000 ~ 4050 MHz
(dB)
35
47
-
-
4050 ~ 5700 MHz
(dB)
23
37
-
-
Symmetry in band (referenced to the matched operating condition)
Output amplitude balance (|S31/S21|)
( 921~960 MHz)
(
dB)
-1.8
0
1.8
Output phase balance (Φ(S31)-Φ(S21)+180°)
( 921~960 MHz)
degree
-12
0
12
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA0390A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0391A TAI-SAW-TA0391A Datasheet
498Kb / 6P
   SAW Filter 1747.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TA0391A GOLLEDGE-TA0391A Datasheet
247Kb / 5P
   SAW Filter 1747.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0391B TAI-SAW-TA0391B Datasheet
388Kb / 7P
   SAW Filter 1747.5 MHz for PCN
TA0391C TAI-SAW-TA0391C Datasheet
296Kb / 7P
   SAW Filter 1747.5 MHz
TA0394A TAI-SAW-TA0394A Datasheet
1Mb / 6P
   SAW Filter 942.5MHz SMD 3.0횞3.0
More results

유사한 설명 - TA0390A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0546A TAI-SAW-TA0546A Datasheet
433Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0434A TAI-SAW-TA0434A Datasheet
381Kb / 7P
   SAW Filter 940.5 MHz SMD 2.5X2.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com