전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0412A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0412A
상세설명  SAW Filter 433.92MHz SMD5.0X5.0mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0412A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0412A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
G. PACKING:
1.REEL DIMENSION
2.TAPE DIMENSION


유사한 부품 번호 - TA0412A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0412A GOLLEDGE-TA0412A Datasheet
136Kb / 4P
   SAW Filter 433.92MHz
More results

유사한 설명 - TA0412A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MA05781 GOLLEDGE-MA05781 Datasheet
217Kb / 4P
   SAW Filter 433.92MHz
MA05276 GOLLEDGE-MA05276 Datasheet
292Kb / 4P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1884B TAI-SAW-TA1884B Datasheet
271Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03125 GOLLEDGE-MP03125 Datasheet
204Kb / 6P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1783A TAI-SAW-TA1783A Datasheet
390Kb / 7P
   SAW Filter 433.92MHz
TA1784A TAI-SAW-TA1784A Datasheet
304Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03049 GOLLEDGE-MP03049 Datasheet
136Kb / 4P
   SAW Filter 433.92MHz
MA04316 GOLLEDGE-MA04316 Datasheet
124Kb / 4P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0264A TAI-SAW-TA0264A Datasheet
481Kb / 5P
   SAW Filter 433.92MHz SMD5X5mm
TA0307A TAI-SAW-TA0307A Datasheet
482Kb / 5P
   SAW Filter 433.92MHz SMD5X5mm
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com