전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3222 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADV3222
상세설명  800 MHz, 4:1 Analog Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3222 데이터시트(HTML) 4 Page - Analog Devices

  ADV3222 Datasheet HTML 1Page - Analog Devices ADV3222 Datasheet HTML 2Page - Analog Devices ADV3222 Datasheet HTML 3Page - Analog Devices ADV3222 Datasheet HTML 4Page - Analog Devices ADV3222 Datasheet HTML 5Page - Analog Devices ADV3222 Datasheet HTML 6Page - Analog Devices ADV3222 Datasheet HTML 7Page - Analog Devices ADV3222 Datasheet HTML 8Page - Analog Devices ADV3222 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 4 of 20
ADV3221
ADV3222
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLIES
Supply Current
V+, output enabled, no load
7
8
7.5
9
mA
V+, output disabled (CS high)
1.6
2.0
1.8
2.2
mA
V−, output enabled, no load
7
8
7.5
9
mA
V−, output disabled (CS high)
1.6
2.0
1.8
2.2
mA
Supply Voltage Range
±4.5
±5.5
±4.5
±5.5
V
Power Supply Rejection (PSR)
f = 100 kHz
−70
−65
dB
f = 1 MHz
−60
−55
dB
TEMPERATURE
Operating Temperature Range
Still air
−40
+85
−40
+85
°C
Junction-to-Ambient Thermal Impedance (θJA)
Operating (still air)
81
81
°C/W
TIMING AND LOGIC CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
A0, A1, CS Setup Time
t1
20
ns
CK1 Pulse Width
t2
40
ns
CK1 to CK2 Pulse Separation
t3
40
ns
CK2 Pulse Width
t4
40
ns
A0, A1, CS Hold Time
t5
20
ns
Table 3. Logic Levels
VIH
VIL
IIH
IIL
IIH
IIL
A0, A1, CK1, CK2, CS
A0, A1, CK1, CK2, CS
A0, A1, CS
A0, A1, CS
CK1, CK2
CK1, CK2
+2.0 V min
+0.8 V max
±2 μA max
±2 μA max
+60 μA max
+10 μA max


유사한 부품 번호 - ADV3222

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

유사한 설명 - ADV3222

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
logo
ELMOS Semiconductor AG
E910.02 ELMOS-E910.02 Datasheet
122Kb / 1P
   Analog multiplexer 8:1
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
TMUX1204 TI1-TMUX1204 Datasheet
1Mb / 31P
[Old version datasheet]   5-V, 4:1, General Purpose Analog Multiplexer
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2_1 Datasheet
85Kb / 2P
   4:1 Step-up Transformer 2.0 - 800 MHz
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Maxim Integrated Produc...
MAX4674 MAXIM-MAX4674_V01 Datasheet
601Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com