전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0743A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0743A
상세설명  SAW Filter 2122.5 MHz SMD 3.0X3.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0743A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0743A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0743A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0743A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0743A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0743A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0743A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0743A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0743A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2122.5 MHz
MODEL NO.:TA0743A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center Frequency
Fc
MHz
-
2122.5
-
-
Insertion Loss (2115 ~ 2130 MHz)
IL
dB
-
2.1
3
-
Amplitude Ripple (2115 ~ 2130 MHz)
dB
-
0.3
1.3
-
VSWR (2115 ~ 2130 MHz)
-
1.4
2.5
-
Attenuation (Reference level from 0 dB)
1900 ~ 2050 MHz
dB
33
36
-
-
2180 ~ 2300 MHz
dB
35
45
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA0743A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0743A GOLLEDGE-TA0743A Datasheet
82Kb / 7P
   SAW Filter 2122.5MHz
More results

유사한 설명 - TA0743A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
TA0627A TAI-SAW-TA0627A Datasheet
326Kb / 7P
   SAW Filter 895.5 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com