전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0881A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0881A
상세설명  SAW Filter 710 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0881A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0881A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Reflection Functions :
S11
S22


유사한 부품 번호 - TA0881A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA0881A GOLLEDGE-TA0881A Datasheet
129Kb / 6P
   SAW Filter 710 MHz
More results

유사한 설명 - TA0881A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA2439B TAI-SAW-TA2439B Datasheet
483Kb / 8P
   SAW Filter 710 MHz
logo
Golledge Electronics Lt...
MP01767 GOLLEDGE-MP01767 Datasheet
129Kb / 6P
   SAW Filter 710 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1230A TAI-SAW-TA1230A Datasheet
418Kb / 6P
   SAW Filter 710 MHz
TA1876A TAI-SAW-TA1876A Datasheet
237Kb / 7P
   SAW Filter 710 MHz
logo
TriQuint Semiconductor
880370 TRIQUINT-880370 Datasheet
144Kb / 5P
   710 MHz BAW Filter
857182 TRIQUINT-857182_15 Datasheet
739Kb / 9P
   710/740 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA2439A TAI-SAW-TA2439A Datasheet
799Kb / 8P
   SAW Tx Filter 710 MHz LTE Band 17 SMD1.1X0.9mm (BW=12 MHz)
TA2439C TAI-SAW-TA2439C Datasheet
781Kb / 8P
   SAW Tx Filter 710 MHz LTE Band 17 SMD1.1X0.9mm (BW=12 MHz)
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
   710/740 MHz Duplexer
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com