전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1521GVW 데이터시트(PDF) 10 Page - Rohm

부품명 BU1521GVW
상세설명  For portable image equipment Upscaler IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU1521GVW 데이터시트(HTML) 10 Page - Rohm

Back Button BU1521GVW Datasheet HTML 6Page - Rohm BU1521GVW Datasheet HTML 7Page - Rohm BU1521GVW Datasheet HTML 8Page - Rohm BU1521GVW Datasheet HTML 9Page - Rohm BU1521GVW Datasheet HTML 10Page - Rohm BU1521GVW Datasheet HTML 11Page - Rohm BU1521GVW Datasheet HTML 12Page - Rohm BU1521GVW Datasheet HTML 13Page - Rohm BU1521GVW Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BU1521GVW
Technical Note
10/15
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
5.
Register access
Registers are accessed by 3 wire serial interfaces (SCSB, SCLK, SDIN, SDOUT).
Burst write/read is supported; therefore, consecutive writing is possible.
Regular write sequence
The address 8 bits and data 8 bits should be written in this order.
Both address and data have MSB first.
Fig. 7 Regular write sequence
Regular read sequence
For reading, the address of the register to be read out should be written in the SADR register (0 × 70), then SRDAT register (0 × 80) should be read
out. Both address and data have MSB first.
Fig. 8 Regular read sequence
6.
PLL
BU1521GVW has an integrated PLL to generate and output the clock for HD format from the 27 MHz pixel clock.
The PLL output frequency is selected and output is executed according to the output format only, by setting the output format to the register.
The input frequency is 27 MHz and the output frequency can be 74.25 MHz, 74.25/1.001 MHz, 148.5 MHz, or 148.5/1.001 MHz.
With 480i/576i output format, the 27 MHz input clock is output without going through the PLL.
SCSB
SCLK
01
567
01
567
Address 8bit (MSB First)
WriteData 8bit (MSB First)
0
70
7
SDIN
SCSB
SCLK
01
567
01
56
7
ReadData 8bit (MSB First)
0
7
SDOUT
0x80 (MSB First)
0
7
SDIN


유사한 부품 번호 - BU1521GVW

제조업체부품명데이터시트상세설명
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1523KV-E2 ROHM-BU1523KV-E2 Datasheet
406Kb / 23P
   Image Correction IC for Panel
More results

유사한 설명 - BU1521GVW

제조업체부품명데이터시트상세설명
logo
Rohm
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740_08 Datasheet
716Kb / 40P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com