전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1572GUW 데이터시트(PDF) 4 Page - Rohm

부품명 BU1572GUW
상세설명  Real Time Video Processor ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU1572GUW 데이터시트(HTML) 4 Page - Rohm

  BU1572GUW Datasheet HTML 1Page - Rohm BU1572GUW Datasheet HTML 2Page - Rohm BU1572GUW Datasheet HTML 3Page - Rohm BU1572GUW Datasheet HTML 4Page - Rohm BU1572GUW Datasheet HTML 5Page - Rohm BU1572GUW Datasheet HTML 6Page - Rohm BU1572GUW Datasheet HTML 7Page - Rohm BU1572GUW Datasheet HTML 8Page - Rohm BU1572GUW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BU1572GUW, BU1573KV, BU1574KU
Technical Note
4/12
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
PIN
No.
PIN
Name
Interface Type *1
In/Out
Active
Level
Init
Description
In/output
type
TYPE 1
TYPE 2
33
MSEL2
MSEL2 *3
MSEL2 *4
In
*
-
Mode select 2
A
34
LCDRS0O/
PWMO1 *5
LCDRS0O/
PWM_O(1)
PWM_O(1)
Out
*
Low
Register select output signal 0/
PWM output for the LCD backlight
E
35
PWMO3 *5/
VLDO
PWM_O(3)
PWM_O(3)/
VLDO
Out
*
Low
PWM output for the LCD backlight/
VLD output signal
E
36
ENAO
-
ENAO
Out
*
Low
RAM write enable output signal
E
37
LCDDO17/
PWMO2 *5
LCDDO17/
PWM_O(2)
LCDDO17/
PWM_O(2)
In/Out
DATA
Low
Data output: bit 17/
PWM output for the LCD backlight
F
38
LCDDO16
LCDDO16
LCDDO16
In/Out
DATA
Low
Data output:
bit 16
F
39
LCDDO15
LCDDO15
LCDDO15
In/Out
DATA
Low
Data output:
bit 15
F
40
LCDDO14
LCDDO14
LCDDO14
In/Out
DATA
Low
Data output:
bit 14
F
41
LCDDO13
LCDDO13
LCDDO13
In/Out
DATA
Low
Data output:
bit 13
F
42
LCDDO12
LCDDO12
LCDDO12
In/Out
DATA
Low
Data output:
bit 12
F
43
LCDDO11
LCDDO11
LCDDO11
In/Out
DATA
Low
Data output:
bit 11
F
44
LCDDO10
LCDDO10
LCDDO10
In/Out
DATA
Low
Data output:
bit 10
F
45
LCDDO9
LCDDO9
LCDDO9
In/Out
DATA
Low
Data output:
bit 9
F
46
LCDDO8
LCDDO8
LCDDO8
In/Out
DATA
Low
Data output:
bit 8
F
47
GND
GND
GND
-
GND
-
Common GROUND
-
48
LCDDO7
LCDDO7
LCDDO7
In/Out
DATA
Low
Data output:
bit 7
F
49
LCDDO6
LCDDO6
LCDDO6
In/Out
DATA
Low
Data output:
bit 6
F
50
LCDDO5
LCDDO5
LCDDO5
In/Out
DATA
Low
Data output:
bit 5
F
51
LCDDO4
LCDDO4
LCDDO4
In/Out
DATA
Low
Data output:
bit 4
F
52
LCDDO3
LCDDO3
LCDDO3
In/Out
DATA
Low
Data output:
bit 3
F
53
LCDDO2
LCDDO2
LCDDO2
In/Out
DATA
Low
Data output:
bit 2
F
54
LCDDO1
LCDDO1
LCDDO1
In/Out
DATA
Low
Data output:
bit 1
F
55
LCDDO0
LCDDO0
LCDDO0
In/Out
DATA
Low
Data output:
bit 0
F
56
LCDWRBO/
I2CDEV6B
LCDWRBO
I2CDEV6B *3
In/Out
*
High/
In
Write enable output signal
F
57
LCDCSBO
LCDCSBO
"H" *6
Out
*
High
Chip select output signal
E
58
SDA /
LCDHSO
-
LCDHSO
Out
*
Low
In/output serial clock/
Horizontal timing output signal
G
59
SDC/
LCDVSO
-
LCDVSO
Out
*
Low
In/output serial clock/
Vertical timing output signal
G
60
RESETB
RESETB
RESETB
In
Low
-
System reset signal
B
61
VDDIO
VDDIO
VDDIO
-
PWR
-
DIGITAL IO power source
-
62
DCKO
DCKO
DCKO
Out
CLK
Low
Clock output
E
63
GND
GND
GND
-
GND
-
Common GROUND
-
64
VDD
VDD
VDD
-
PWR
-
CORE power source
-
※Change by setup by the register is possible for the "*" display in the column of an Active level. Moreover, Init is a pin state under reset.
*3 : Please connect with GND
*4 : Please connect with VDDIO
*5 : It selects it according to PWMCNT register (40h).
*6 : “High”output


유사한 부품 번호 - BU1572GUW

제조업체부품명데이터시트상세설명
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
BU1570KN ROHM-BU1570KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN-E2 ROHM-BU1570KN-E2 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1571KN ROHM-BU1571KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
More results

유사한 설명 - BU1572GUW

제조업체부품명데이터시트상세설명
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
RICOH electronics devic...
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com