전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16024KV 데이터시트(PDF) 11 Page - Rohm

부품명 BU16024KV
상세설명  1 for input 1 output buffer with Termination sense correspondence
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU16024KV 데이터시트(HTML) 11 Page - Rohm

Back Button BU16024KV Datasheet HTML 7Page - Rohm BU16024KV Datasheet HTML 8Page - Rohm BU16024KV Datasheet HTML 9Page - Rohm BU16024KV Datasheet HTML 10Page - Rohm BU16024KV Datasheet HTML 11Page - Rohm BU16024KV Datasheet HTML 12Page - Rohm BU16024KV Datasheet HTML 13Page - Rohm BU16024KV Datasheet HTML 14Page - Rohm BU16024KV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Technical Note
11/17
BU16024KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
●MEASUREMENT SYMBOL AND CIRCUIT
Figure 5-1 Termination for TMDS Output Driver
TMDS
Receiver
TMDS
Driver
VID
Vcc
RINT
RINT
A
B
RT
RT
AVCC
CL
Y
Z
0.5pF
VY
VZ
VA
VB
Vswing = VY -VZ
VID = VA -VB
VA
VID
Vcc-0.4 V
Vcc-0.2 V
0.4 V
0 V
-0.4 V
VID(pp)
VIC
VOD(pp)
tf
80%
20%
VOD(U)
0%
0V Differential
100%
tPLH
VOC
tr
VOD(O)
△VOC(SS)
VB
Vswing
tPLH
Vcc V
Vcc+0.2 V
DC Coupled
AC Coupled
Figure 5-2 Timing Test Circuit and Definitions
Zo = RT
Zo = RT
TMDS
Driver
TMDS
Receiver
AVCC
RT
RT


유사한 부품 번호 - BU16024KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16024KV ROHM-BU16024KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16024KV-E2 ROHM-BU16024KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

유사한 설명 - BU16024KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com