전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16020KV 데이터시트(PDF) 4 Page - Rohm

부품명 BU16020KV
상세설명  1 for input 1 output buffer with Termination sense correspondence
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU16020KV 데이터시트(HTML) 4 Page - Rohm

  BU16020KV Datasheet HTML 1Page - Rohm BU16020KV Datasheet HTML 2Page - Rohm BU16020KV Datasheet HTML 3Page - Rohm BU16020KV Datasheet HTML 4Page - Rohm BU16020KV Datasheet HTML 5Page - Rohm BU16020KV Datasheet HTML 6Page - Rohm BU16020KV Datasheet HTML 7Page - Rohm BU16020KV Datasheet HTML 8Page - Rohm BU16020KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
4/17
BU16024KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
●PIN EXPLANATION
1). PIN ASSIGNMENT
(TOP VIEW)
16024KV
(48-pin VQFP)
39
48
47
46
45
44
43
42
41
40
22
13
14
15
16
17
18
19
20
21
24
23
37
38
NC
Vcc
Z3
GND
Z2
Vcc
Z1
Y3
Y2
Y1
HPD_SINK
GND
NC
Vcc
B13
GND
B12
Vcc
B11
A13
A12
A11
HPD
GND
Figure 3-1 Pin Location


유사한 부품 번호 - BU16020KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16020KV ROHM-BU16020KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16020KV ROHM-BU16020KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16020KV ROHM-BU16020KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

유사한 설명 - BU16020KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com