전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16020KV 데이터시트(PDF) 5 Page - Rohm

부품명 BU16020KV
상세설명  1 for input 1 output buffer with Termination sense correspondence
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU16020KV 데이터시트(HTML) 5 Page - Rohm

  BU16020KV Datasheet HTML 1Page - Rohm BU16020KV Datasheet HTML 2Page - Rohm BU16020KV Datasheet HTML 3Page - Rohm BU16020KV Datasheet HTML 4Page - Rohm BU16020KV Datasheet HTML 5Page - Rohm BU16020KV Datasheet HTML 6Page - Rohm BU16020KV Datasheet HTML 7Page - Rohm BU16020KV Datasheet HTML 8Page - Rohm BU16020KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Technical Note
5/17
BU16024KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
2). PIN LIST
TERMINAL
I/O
DESCRIPTION
NAME
No.
B1, B2, B3, B4
39, 42, 45, 2
I
TMDS Negative inputs
A1, A2, A3, A4
40, 43, 46, 3
I
TMDS Positive inputs
Z1, Z2, Z3, Z4
22, 19, 16, 11
O
TMDS Negative outputs
Y1, Y2, Y3, Y4
21, 18, 15, 10
O
TMDS Positive outputs
HPD
37
O
Hot plug detector output
HPD_SINK
24
I
Hot plug detector input
SCL
34
I/O
DDC Bus clock line to source
SDA
33
I/O
DDC Bus data line to source
SCL_SINK
27
I/O
DDC Bus clock line to sink
SDA_SINK
28
I/O
DDC Bus data line to sink
VSADJ
35
I
TMDS Compliant voltage swing control(via 4.64kΩ to
GND)
I
2CEN
6
I
I
2C Repeater enable
Low : High-Z
High : Active
SELREF
30
I
SCL_SINK/SDA_SINK Output voltage select
TEST0, 1, 2, 3
1, 12, 25, 36
I
Open or GND connect (recommend)
N.C
13, 48
Open or GND connect (recommend)
OEB
7
I
TMDS Output enable
Low : Active
High : High-Z
PRE
8
I
TMDS Output de-emphasis adjustment
Low : OFF
High : ON
VCC
5, 14, 20, 29,
32, 41, 47
-
Power supply
GND
4, 9, 17, 23,
26, 31, 38, 44
-
Ground


유사한 부품 번호 - BU16020KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16020KV ROHM-BU16020KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16020KV ROHM-BU16020KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16020KV ROHM-BU16020KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

유사한 설명 - BU16020KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com