전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16006KV 데이터시트(PDF) 10 Page - Rohm

부품명 BU16006KV
상세설명  1 for input 1 output buffer with Termination sense correspondence
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU16006KV 데이터시트(HTML) 10 Page - Rohm

Back Button BU16006KV Datasheet HTML 6Page - Rohm BU16006KV Datasheet HTML 7Page - Rohm BU16006KV Datasheet HTML 8Page - Rohm BU16006KV Datasheet HTML 9Page - Rohm BU16006KV Datasheet HTML 10Page - Rohm BU16006KV Datasheet HTML 11Page - Rohm BU16006KV Datasheet HTML 12Page - Rohm BU16006KV Datasheet HTML 13Page - Rohm BU16006KV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
10/17
BU16024KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX.
TMDS DIFFERENTIAL PINS (Y/Z)
tPLH
Propagation
delay
time
low-high-level output
See Figure5-2, AVCC = 3.3V,
RT = 50Ω, PRE =”H”
-
320
-
ps
tPHL
Propagation
delay
time
high-low-level output
-
335
-
ps
tr
Differential output signal rise
time (20%-80%)
-
120
-
ps
tf
Differential output signal fall
time (20%-80%)
-
120
-
ps
tsk(p)
Pulse skew (|tPHL - tPLH |)
-
15
-
ps
tsk(D)
Intra-pair differential skew, see
Figure5-3
-
25
-
ps
DDC I/O PINS (SCL, SCL_SINK, SDA, SDA_SINK)
tpdLHTR
(DDC)
Propagation delay time,
low-to-high-level output Tx to
Rx
RL = 4.7KΩ CL = 100pF
-
650
-
ns
tpdHLTR
(DDC)
Propagation delay time,
high-to-low-level output Tx to
Rx
-
200
-
ns
tpdLHRT
(DDC)
Propagation delay time,
low-to-high-level output Rx to
Tx
RL = 1.67KΩ CL = 400pF
-
500
-
ns
tpdHLRT
(DDC)
Propagation delay time,
high-to-low-level output Rx to
Tx
-
350
-
ns
tr Tx(DDC)
Tx output Rise time
RL = 4.7KΩ CL = 100pF
-
800
-
ns
tf Tx(DDC)
Tx output Fall time
-
150
-
ns
tr Rx(DDC)
Rx output Rise time
CL=10pF
-
950
-
ns
tf Rx(DDC)
Rx output Fall time
-
50
-
ns
CIO
Input/output capacitance
VI=0V
15
pF
STATUS PINS(HPD)
tpdLH(HPD)
Propagation delay time,
low-to-high-level output from
HPD_SINK to HPD
CL=10pF
-
5
-
ns
tpdHL(HPD)
Propagation delay time,
high-to-low-level output
from
HPD_SINK to HPD
CL=10pF
-
5
-
ns
tsx(HPD)
Switch time from port select to
the latest valid status of HPD
CL=10pF
-
8
-
ns
Note:
All typical values are at 25℃ and with a 3.3V supply.
SYMBOL


유사한 부품 번호 - BU16006KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16006KV ROHM-BU16006KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16006KV-E2 ROHM-BU16006KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

유사한 설명 - BU16006KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com