전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1151A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1151A
상세설명  SAW Filter 751 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1151A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1151A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 751 MHz
MODEL NO.: TA1151A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 5 dBm
2. DC Voltage : 3 V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency
Fc
MHz
-
751
-
Insertion Loss (746~756 MHz)
IL
dB
-
1.4
3
Amplitude Ripple (746~756 MHz)
dB
-
0.5
1.5
Return Loss (746~756 MHz)
dB
10
14
-
Attenuation (Reference level from 0 dB)
0 ~ 708 MHz
dB
30
41
-
777 ~ 787 MHz
dB
52
61
-
873 ~ 973 MHz
dB
40
44
-
1200 ~ 2000 MHz
dB
25
32
-
Temperature coefficient of Frequency
Ppm/℃
-
-36
-
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4 ,5,7 ,8


유사한 부품 번호 - TA1151A

제조업체부품명데이터시트상세설명
logo
Transko Electronics, In...
TA11515AD1 TRANSKO-TA11515AD1 Datasheet
528Kb / 4P
   115.00 MHz IF SAW Filter / 16.20 MHz Bandwidth
Revision 1: 12. Jun. 2009
TA11515BD1 TRANSKO-TA11515BD1 Datasheet
525Kb / 4P
   115.00 MHz IF SAW Filter / 15.87 MHz Bandwidth
Revision 0: 19. Nov. 2009
TA11515CD1 TRANSKO-TA11515CD1 Datasheet
526Kb / 4P
   115.00 MHz IF SAW Filter / 15.90 MHz Bandwidth
Revision 0: 17. Dec. 2009
TA11515DD1 TRANSKO-TA11515DD1 Datasheet
698Kb / 4P
   115.00 MHz IF SAW Filter / 15.73 MHz Bandwidth
Revision 0: 19. Oct. 2010
TA11516AD1 TRANSKO-TA11516AD1 Datasheet
563Kb / 4P
   115.00 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 19. Nov. 2009
More results

유사한 설명 - TA1151A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA2622A TAI-SAW-TA2622A Datasheet
1Mb / 10P
   SAW Filter 751 MHz SMD 1109(BW=10MHz)
logo
TriQuint Semiconductor
856879 TRIQUINT-856879 Datasheet
736Kb / 9P
   782/751 MHz Duplexer
856879 TRIQUINT-856879_15 Datasheet
118Kb / 1P
   782/751 MHz Duplexer
857181 TRIQUINT-857181_15 Datasheet
1Mb / 9P
   782/751 MHz Duplexer
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com