전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6754MLMY 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN6754MLMY
상세설명  Highly Integrated Green- Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754MLMY 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6754MLMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 9Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 10Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754 • Rev. 1.0.2
7
Electrical Characteristics (Continued)
VDD=15V and TA=25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
Current-Sense Section
tPD
Delay to Output
100
250
ns
tLEB
Leading Edge Blanking Time
230
280
330
ns
VLimit-L
Current Limit at Low Line (VAC=86V)
VDC=122V, Series R=200kΩ
to HV
0.43
0.46
0.49
V
VLimit-H
Current Limit at High Line (VAC=259V)
VDC=366V, Series R=200kΩ
to HV
0.36
0.39
0.42
V
tSS
Period During Soft-Start Time
Startup Time
7
8
9
ms
GATE Section
DCYMAX Maximum Duty Cycle
86
89
92
%
VGATE-L
Gate Low Voltage
VDD=15V, IO=50mA
1.5
V
VGATE-H
Gate High Voltage
VDD=12V, IO=50mA
8
V
tr
Gate Rising Time
VDD=15V, CL=1nF
100
ns
tf
Gate Falling Time
VDD=15V, CL=1nF
50
ns
VGATE-
CLAMP
Gate Output Clamping Voltage
VDD=22V
9
13
17
V
RT Section
RRT
Internal Resistor from RT Pin
9.50
10.55
11.60
KΩ
VRTTH1
Over-Temperature Protection Threshold
Voltage
0.7V < VRT < 1.05V, after
12ms Latch Off
1.000
1.035
1.070
V
VRTTH2
VRT < 0.7V, After 100µs
Latch Off
0.65
0.70
0.75
V
tD-OTP1
Over-Temperature Latch-Off Debounce
VRTTH2 < VRT < VRTTH1
FB > VFB-N
14
16
18
ms
VRTTH2 < VRT < VRTTH1
FB < VFB-G
40
51
62
tD-OTP2
VRT< VRTTH2, FB > VFB-N
110
185
260
µs
VRT< VRTTH2, FB < VFB-G
320
605
890


유사한 부품 번호 - FAN6754MLMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
813Kb / 14P
   Highly Integrated Green- Mode PWM Controller
More results

유사한 설명 - FAN6754MLMY

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com