전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4005-TB 데이터시트(PDF) 3 Page - Won-Top Electronics

부품명 1N4005-TB
상세설명  1.0A SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4005-TB 데이터시트(HTML) 3 Page - Won-Top Electronics

  1N4005-TB Datasheet HTML 1Page - Won-Top Electronics 1N4005-TB Datasheet HTML 2Page - Won-Top Electronics 1N4005-TB Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4001 – 1N4007
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
1N4001-T3
DO-41
5000/Tape & Reel
1N4001-TB
DO-41
5000/Tape & Box
1N4001
DO-41
1000 Units/Box
1N4002-T3
DO-41
5000/Tape & Reel
1N4002-TB
DO-41
5000/Tape & Box
1N4002
DO-41
1000 Units/Box
1N4003-T3
DO-41
5000/Tape & Reel
1N4003-TB
DO-41
5000/Tape & Box
1N4003
DO-41
1000 Units/Box
1N4004-T3
DO-41
5000/Tape & Reel
1N4004-TB
DO-41
5000/Tape & Box
1N4004
DO-41
1000 Units/Box
1N4005-T3
DO-41
5000/Tape & Reel
1N4005-TB
DO-41
5000/Tape & Box
1N4005
DO-41
1000 Units/Box
1N4006-T3
DO-41
5000/Tape & Reel
1N4006-TB
DO-41
5000/Tape & Box
1N4006
DO-41
1000 Units/Box
1N4007-T3
DO-41
5000/Tape & Reel
1N4007-TB
DO-41
5000/Tape & Box
1N4007
DO-41
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


유사한 부품 번호 - 1N4005-TB

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
1N4005-TB WTE-1N4005-TB Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
More results

유사한 설명 - 1N4005-TB

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
1N4001 ZSELEC-1N4001 Datasheet
116Kb / 2P
   1.0A SILICON RECTIFIER
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
   1.0A SILICON RECTIFIER
1A1 WTE-1A1 Datasheet
54Kb / 3P
   1.0A MINIATURE SILICON RECTIFIER
logo
SMC Diode Solutions Co....
BY133 SMCDIODE-BY133 Datasheet
326Kb / 4P
   BY133 1.0A SILICON RECTIFIER
Rev. C
logo
Gaomi Xinghe Electronic...
1A7 GXELECTRONICS-1A7 Datasheet
314Kb / 2P
   1.0A MINIATURE SILICON RECTIFIER
logo
TAITRON Components Inco...
1N4001G TAITRON-1N4001G Datasheet
170Kb / 4P
   1.0A GENERAL PURPOSE SILICON RECTIFIER
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
1N4001 DIODES-1N4001_1 Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
   1.0A RECTIFIER
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com