전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8984 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS8984
상세설명  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8984 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS8984_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 5Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
tm
Fabruary
2010
©20
10 Fairchild Semiconductor Corporation
FDS8984
_F085 Rev. A
www.fairchildsemi.com
1
FDS8984_F085
N-Channel PowerTrench® MOSFET
30V, 7A, 23m
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers. It has been optimized for low gate charge, low
rDS(ON) and fast switching speed.
Features
Max rDS(on) = 23mΩ, VGS = 10V, ID = 7A
Max rDS(on) = 30mΩ, VGS = 4.5V, ID = 6A
Low gate charge
100% RG tested
Qualified to AEC Q101
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current Continuous
(Note 1a)
7
A
Pulsed
30
A
EAS
Single Pulse Avalache Energy
(Note 2)
32
mJ
PD
Power Dissipation for Single Operation
1.6
W
Derate above 25°C
13
mW/°C
TJ, TSTG
Operating and Storage Temperature
-55 to 150
°C
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8984
FDS8984
_F085
SO-8
330mm
12mm
2500 units
3
6
4
7
8
2
5
1
Q2
Q1
S
D
S
S
SO-8
D
D
D
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8
RoHS Compliant


유사한 부품 번호 - FDS8984_10

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
VBsemi Electronics Co.,...
FDS8984-NL VBSEMI-FDS8984-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS8984F085 FAIRCHILD-FDS8984F085 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_07 Datasheet
378Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

유사한 설명 - FDS8984_10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com