전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0164A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0164A
상세설명  TO39 390MHz One-Port Saw Resonator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0164A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0164A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0164A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0164A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0164A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
F.
FREQUENCY CHARACTERISTICS:
ponse for TC0164A
390
390.5
S21 Res
-30
-25
-20
-15
-10
-5
0
388.5
389
389.5
391
391.5
Center Freq=390MHz,Span=3MHz
G. TEST CIRCUIT:
From 50Ω
Network
Analyzer
To 50Ω
Network
Analyzer
TAI-SAW TECHNOLOGY CO., LTD.
3


유사한 부품 번호 - TC0164A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0160A TAI-SAW-TC0160A Datasheet
387Kb / 5P
   SAW Resonator 312 MHz
TC0163A TAI-SAW-TC0163A Datasheet
322Kb / 4P
   SAW Resonator 868.35 MHz SMD 3.8X3.8 mm
TC0165A TAI-SAW-TC0165A Datasheet
199Kb / 3P
   SAW Resonator 390.000 MHz F11
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
logo
Golledge Electronics Lt...
TC0166A GOLLEDGE-TC0166A Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
More results

유사한 설명 - TC0164A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0157A TAI-SAW-TC0157A Datasheet
306Kb / 3P
   One-Port SAW Resonator 433.92MHz TO39
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TE0116A TAI-SAW-TE0116A Datasheet
175Kb / 6P
   Dual SAW Resonator 433.92/390MHz
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
   One-Port SMD SAW Resonator
09.22.15
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
logo
ECS, Inc.
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
   SMD ONE PORT SAW RESONATOR
logo
Abracon Corporation
ASR418S2-T ABRACON-ASR418S2-T Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com