전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0219A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0219A
상세설명  SAW Resonator 433.92 MHz SMD 3X3 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0219A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0219A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0219A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0219A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0219A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0219A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
G. TEST CIRCUIT:
50Ω
Network analyzer
50Ω
SAW Resonator
E
B
A、 C、 D、 F
H. PCB FOOTPRINT:
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer


유사한 부품 번호 - TC0219A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TC0219A GOLLEDGE-TC0219A Datasheet
193Kb / 4P
   SAW Resonator 433.920 MHz
More results

유사한 설명 - TC0219A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0244A TAI-SAW-TC0244A Datasheet
281Kb / 5P
   SAW Resonator 433.92 MHz SMD 3X3 mm
TC0317A TAI-SAW-TC0317A Datasheet
262Kb / 6P
   SAW Resonator 433.92 MHz SMD 3X3 mm
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
TC0355A TAI-SAW-TC0355A Datasheet
279Kb / 6P
   SAW Resonator 644.873 MHz SMD 3X3 mm
TC0378A TAI-SAW-TC0378A Datasheet
277Kb / 6P
   SAW Resonator 500 MHz SMD 3X3 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
   SAW Resonator 315 MHz SMD 3X3 mm
TC0334A TAI-SAW-TC0334A Datasheet
278Kb / 6P
   SAW Resonator 671.086 MHz SMD 3X3 mm
TC0379A TAI-SAW-TC0379A Datasheet
278Kb / 6P
   SAW Resonator 719.75 MHz SMD 3X3 mm
TC0513A TAI-SAW-TC0513A Datasheet
387Kb / 6P
   SAW Resonator 491.835 MHz SMD 3X3 mm
TC0517A TAI-SAW-TC0517A Datasheet
370Kb / 6P
   SAW Resonator 832.458 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com