전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9778HFP 데이터시트(PDF) 4 Page - Rohm

부품명 BD9778HFP
상세설명  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9778HFP 데이터시트(HTML) 4 Page - Rohm

  BD9778HFP Datasheet HTML 1Page - Rohm BD9778HFP Datasheet HTML 2Page - Rohm BD9778HFP Datasheet HTML 3Page - Rohm BD9778HFP Datasheet HTML 4Page - Rohm BD9778HFP Datasheet HTML 5Page - Rohm BD9778HFP Datasheet HTML 6Page - Rohm BD9778HFP Datasheet HTML 7Page - Rohm BD9778HFP Datasheet HTML 8Page - Rohm BD9778HFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/16
Technical Note
Reference data
Fig.1 Output reference voltage vs.
Ambient temprature(All series)
Fig.2 Frequency vs. Ambient
temperature(All series)
Fig.3 Standby current(BD9781HFP)
Fig.5 Standby current(BD9001F)
Fig.6 Circuit current(BD9781HFP)
Fig.8 Circuit current(BD9001F)
Fig.9 ON resistance VIN=5V(BD9781HFP)
Fig.11 ON resistanceVIN=13.2V (BD9781HFP)
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
-25
-50
0
25
50
75
100
AMBIENT TEMPERATURE : Ta[
]
125
0
100
200
300
400
500
600
-25
-50
0
25
50
75
100
AMBIENT TEMPERATURE : Ta[
]
125
910kΩ
91kΩ
390kΩ
39kΩ
0
1
2
3
4
5
6
7
8
9
10
5
010
15
20
25
30
40
INPUT VOLTAGE : VIN[V]
35
125
VCC=12V
Istb=0.14µA
25
125
25
–40
-40
Fig.7 Circuit current(BD9778F/HFP)
1
0
5
010
15
20
25
30
40
INPUT VOLTAGE : VIN[V]
35
2
3
4
-40
25
125
-40
25
125
1
0
5
010
15
20
25
30
40
INPUT VOLTAGE : VIN[V]
35
2
3
4
Fig.10 ON resistance VIN=7V (BD9781HFP)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.5
0.0
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
OUTPUT CURRENT : IO[A]
Ta=25
Ta=125
Ta=-40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.5
0.0
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
OUTPUT CURRENT : IO[A]
Ta=25
Ta=125
Ta=-40
4.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.5
0.0
1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT : IO[A]
Ta=25
Ta=125
Ta=-40
Fig.4 Standby current(BD9778F/HFP)
5
010
15
20
25
30
40
35
INPUT VOLTAGE : VIN[V]
INPUT VOLTAGE : VIN[V]
INPUT VOLTAGE : VIN[V]
0
1
2
3
4
5
6
7
8
9
10
125
25
-40
VCC=12V
Istb=0.14µA
60
60
50
40
30
20
10
0
10
20
30
40
50
40
30
20
10
0
1
2
3
4
125
-40
25
Fig.12 ON resistance VIN=5V (BD9778F/HFP)
OUTPUT CURRENT : IO[A]
0.5
0.0
1.0
1.5
2.0
2.5
Ta=-40
Ta=25
Ta=125
2010.02 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
BD9778F, BD9778HFP, BD9001F, BD9781HFP


유사한 부품 번호 - BD9778HFP

제조업체부품명데이터시트상세설명
logo
Rohm
BD9778HFP ROHM-BD9778HFP Datasheet
281Kb / 6P
   Flexible Step-Down Switching Regulator
BD9778HFP ROHM-BD9778HFP Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

유사한 설명 - BD9778HFP

제조업체부품명데이터시트상세설명
logo
Rohm
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com