전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU3076HFV 데이터시트(PDF) 2 Page - Rohm

부품명 BU3076HFV
상세설명  Compact 1ch Clock Generators for Digital Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU3076HFV 데이터시트(HTML) 2 Page - Rohm

  BU3076HFV Datasheet HTML 1Page - Rohm BU3076HFV Datasheet HTML 2Page - Rohm BU3076HFV Datasheet HTML 3Page - Rohm BU3076HFV Datasheet HTML 4Page - Rohm BU3076HFV Datasheet HTML 5Page - Rohm BU3076HFV Datasheet HTML 6Page - Rohm BU3076HFV Datasheet HTML 7Page - Rohm BU3076HFV Datasheet HTML 8Page - Rohm BU3076HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/20
Recommended Operating Range
Parameter
Symbol
Limit
Unit
Supply voltage
VDD
3.0~3.6
Input H voltage
VINH
0.8VDD~VDD
Input L voltage
VINL
0.0~0.2VDD
Operating temperature
Topr
-5~70
Output load
CL
15(MAX)
pF
Electrical characteristics
BU3071HFV(Ta=25℃, VDD=3.3V,Crystal frequency=28.6363MHz, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output H voltage
VOH
2.8
-
-
V
IOH=-4.0mA
Output L voltage
VOL
-
-
0.5
V
IOL=4.0mA
Consumption current 1
IDD1
-
10
15
mA
OE=H, at no load
Consumption current 2
IDD2
-
1
1.3
mA
OE=L
Output frequency
-
54.0000
-
MHz
IN*264/35/4
The following parameters represent design guaranteed performance.
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of VDD
Period-Jitter 1σ
PJsSD
-
50
-
psec
1
Period-Jitter MIN-MAX
PJsABS
-
300
-
psec
2
Rise time
tr
-
2.5
-
nsec
Period of transition time required for the
output to reach 80% from 20% of VDD.
Provided with 15pF output load.
Fall time
tf
-
2.5
-
nsec
Period of transition time required for the
output to reach 20% from 80% of VDD.
Provided with 15pF output load.
Output Lock time
tLOCK
-
-
1
msec
3
Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to IN.If the input
frequency is set to 28.6363MHz, the output frequency will be as listed above.
BU3072HFV(Ta=25℃, VDD=3.3V, Crystal frequency=48.0000MHz, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output H voltage
VOH
2.8
-
-
V
IOH=-4.0mA
Output L voltage
VOL
-
-
0.5
V
IOL=4.0mA
Consumption current 1
IDD1
-
11
16
mA
PD=H, at no load
Consumption current 2
IDD2
-
-
5
μ
A
PD=L
Output frequency
CLK_27
-
27.0000
-
MHz
SEL=L, IN*18/8/4
CLK_36
-
36.0000
-
MHz
SEL=H, IN*24/8/4
The following parameters represent design guaranteed performance.
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of VDD
Period-Jitter 1σ
PJsSD
-
35
-
psec
1
Long-Term-Jitter
MIN-MAX
LTJsABS
-
0.9
1.5
nsec
MIN-MAX of long-term jitter (100
sec
from trigger)
Rise time
tr
-
2.5
-
nsec
Period of transition time required for the
output to reach 80% from 20% of VDD.
Provided with 15pF output load.
Fall time
tf
-
2.5
-
nsec
Period of transition time required for the
output to reach 20% from 80% of VDD.
Provided with 15pF output load.
Output Lock time
tLOCK
-
-
1
msec
3
Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to IN.If the input
frequency is set to 48.0000MHz, the output frequency will be as listed above.


유사한 부품 번호 - BU3076HFV

제조업체부품명데이터시트상세설명
logo
Rohm
BU3076HFV ROHM-BU3076HFV Datasheet
263Kb / 6P
   Clock Generator
More results

유사한 설명 - BU3076HFV

제조업체부품명데이터시트상세설명
logo
Rohm
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com