전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4551BFV 데이터시트(PDF) 2 Page - Rohm

부품명 BU4551BFV
상세설명  High Voltage CMOS Logic ICs Switch>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4551BFV 데이터시트(HTML) 2 Page - Rohm

  BU4551BFV Datasheet HTML 1Page - Rohm BU4551BFV Datasheet HTML 2Page - Rohm BU4551BFV Datasheet HTML 3Page - Rohm BU4551BFV Datasheet HTML 4Page - Rohm BU4551BFV Datasheet HTML 5Page - Rohm BU4551BFV Datasheet HTML 6Page - Rohm BU4551BFV Datasheet HTML 7Page - Rohm BU4551BFV Datasheet HTML 8Page - Rohm BU4551BFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
BU4066BC,BU4066BCF,BU4066BCFV,BU4051BC,BU4051BCF,BU4051BCFV,BU4052BC,
BU4052BCF,BU4052BCFV,BU4053BC,BU4053BCF,BU4053BCFV,BU4551B,BU4551BF,BU4551BFV
2/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
When used at Ta=25[°C] or above,
values of above are reduced per 1[°C].
Allowable loss is the value for mounting
70[mm] x 70[mm] x 1.6[mm] FR4 glass epoxy
circuit board copper foil area is 3% or less).
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
BU4066BC
BU4051BC BU4052BC
BU4053BC
BU4551B
Power Supply Voltage
VDD
-0.5 to 20
-0.3 to 18
V
Supply current
Iin
±
10
mA
Operating temperature
Topr
-40 to 85
Storage temperature
Tstg
-55 to 150
Input Voltage
VIN
-0.5 to VDD+0.5
-0.3 to VDD+0.3
V
Maximum junction temperature
Tjmax
150
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
BU4066BC BU4051BC BU4052BC BU4053BC
BU4551B
Operating Power Supply
VDD
3 to 18
3 to 16
V
Input Voltage
VIN
0 to VDD
V
Thermal Derating Curve
I/O Interface
Description of output rising / falling wave
(*1)
9.5
mW/℃
(*2)
7.0
(*3)
4.9
(*4)
10.0
(*5)
5.0
(*6)
3.1
VDD
GND
VDD
VDD
GND
GND
Analog switch input / output>
Input>
tPLH: Time up to 50% of the rise time of input waveform
~ 50% of the rise time of output waveform
tPHL: Time up to 50% of the fall time of input waveform
~ 50% of the fall time of output waveform
tPZH: Time up to 50% of input ~ 50% of the
rise time of output waveform
tPHZ: Time up to 50% of input ~ 50% of the
fall time of output waveform
tPZH: Time up to 50% of input ~ 50% of the
fall time of output waveform
tPHZ: Time up to 10% of input ~ 10% of the
rise time of output waveform
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
150
175
Ambient  temperature  Ta〔℃〕
1250[mV] BU4***
(*4)
620[mV] BU4***FV (*5)
380[mV] BU4***F
(*6)
85℃
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
150
175
Ambient  temperature  Ta〔℃〕
1180[mV] BU4066BC
(*1)
870[mV] BU4066BCFV (*2)
610[mV] BU4066BCF
(*3)
85℃
(*) Below shows BU4***
BU4051BC
BU4052BC
BU4053BC
BU4551B


유사한 부품 번호 - BU4551BFV

제조업체부품명데이터시트상세설명
logo
Rohm
BU4551BFV ROHM-BU4551BFV Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
BU4551BFV ROHM-BU4551BFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BFV ROHM-BU4551BFV Datasheet
1Mb / 20P
   Quad 2ch Analog Multiplexer/Demultiplexer
BU4551BFV ROHM-BU4551BFV Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
BU4551BFV-E2 ROHM-BU4551BFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

유사한 설명 - BU4551BFV

제조업체부품명데이터시트상세설명
logo
Rohm
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
logo
Torex Semiconductor
XC74UL4066M TOREX-XC74UL4066M Datasheet
57Kb / 10P
   CMOS Logic Analog Switch
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
   CMOS LOGIC IC Analog switch
ELM7SH66MB-EL ELM-TECH-ELM7SH66MB-EL Datasheet
373Kb / 4P
   HIGH SPEED CMOS LOGIC IC ELM7SH66xB Analog switch
logo
Torex Semiconductor
XC74WL4066SR TOREX-XC74WL4066SR Datasheet
204Kb / 10P
   CMOS Logic Dual Analog Switch/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com