전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0274A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0274A
상세설명  SAW Resonator 315 MHz SMD 3X3 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0274A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0274A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0274A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0274A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0274A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0274A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 315 MHz
MODEL NO.: TC0274A
REV. NO.:2
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature
TA=25℃
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fc
MHz
314.925
315.00
315.075
Insertion Loss IL
dB
-
1.5
2.5
Unload quality factor QU
-
8000
-
Ageing of fc
ppm/yr
-
-
±
10
Motional capacitance C1
fF
-
2.89
-
Motional inductance L1
μ
H
-
87.5
-
Motional resistance R1
Ohm
-
20.2
-
Parallel capacitance Co
pF
-
4.14
-
Frequency Temperature coefficient
(TCf) ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3X3X1.1 mm
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)
2)
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
# E
#B
Source Impedance
LoadImpedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TC0274A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TC0274A GOLLEDGE-TC0274A Datasheet
303Kb / 6P
   SAW Resonator: 315.0MHz
More results

유사한 설명 - TC0274A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
TC0355A TAI-SAW-TC0355A Datasheet
279Kb / 6P
   SAW Resonator 644.873 MHz SMD 3X3 mm
TC0378A TAI-SAW-TC0378A Datasheet
277Kb / 6P
   SAW Resonator 500 MHz SMD 3X3 mm
TC0334A TAI-SAW-TC0334A Datasheet
278Kb / 6P
   SAW Resonator 671.086 MHz SMD 3X3 mm
TC0379A TAI-SAW-TC0379A Datasheet
278Kb / 6P
   SAW Resonator 719.75 MHz SMD 3X3 mm
TC0513A TAI-SAW-TC0513A Datasheet
387Kb / 6P
   SAW Resonator 491.835 MHz SMD 3X3 mm
TC0517A TAI-SAW-TC0517A Datasheet
370Kb / 6P
   SAW Resonator 832.458 MHz SMD 3X3 mm
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0356A TAI-SAW-TC0356A Datasheet
278Kb / 6P
   SAW Resonator 671.194 MHz SMD 3X3 mm
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
   SAW Resonator 916.5 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com