전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC315E1-A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC315E1-A
상세설명  SAW Resonator 315MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC315E1-A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC315E1-A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC315E1-A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC315E1-A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC315E1-A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 315 MHz
MODEL NO.: TC315E1-A
REV. NO.:3
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Power Dissipation: 0 dBm.
2.DC voltage: 12 V.
3.Storage Temperature: -40 °C to 85 °C.
4.Operating Temperature:-40 °C to 85 °C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
314.925
315
315.075
Insertion Loss IL
dB
-
1.0
2.0
Unloaded Quality factor
-
12000
-
Equivalent Elements
Motional capacitance C1
fF
-
3.53
-
Motional inductance L1
μ
H
-
72.3
-
Motional resistance R1
Ohm
-
11.8
25
Parallel capacitance Co
pF
-
4.8
-
Temp.coeff.
ppm/
c*2
-
0.032
-
Turnover To
deg.C
35
-
65
Package size
F-11


유사한 부품 번호 - TC315E1-A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC315E1B TAI-SAW-TC315E1B Datasheet
211Kb / 3P
   SAW Resonator 315 MHz
More results

유사한 설명 - TC315E1-A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0274D TAI-SAW-TC0274D Datasheet
387Kb / 6P
   SAW Resonator 315MHz
TC315E2 TAI-SAW-TC315E2 Datasheet
183Kb / 4P
   SAW Resonator 315MHz
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
logo
Golledge Electronics Lt...
MA05553 GOLLEDGE-MA05553 Datasheet
150Kb / 4P
   SAW Filter 315MHz
MA06217 GOLLEDGE-MA06217 Datasheet
286Kb / 4P
   SAW Filter 315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1794A TAI-SAW-TA1794A Datasheet
302Kb / 7P
   SAW Filter 315MHz
TA0579A TAI-SAW-TA0579A Datasheet
285Kb / 7P
   SAW Filter 315MHz
TA0209A TAI-SAW-TA0209A Datasheet
476Kb / 5P
   SAW Filter 315MHz SMD5X5mm
TA0234A TAI-SAW-TA0234A Datasheet
240Kb / 4P
   SAW Filter 315MHz TO39
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com