전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C30BSA 데이터시트(PDF) 4 Page - Rectron Semiconductor

부품명 BZX55C30BSA
상세설명  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX55C30BSA 데이터시트(HTML) 4 Page - Rectron Semiconductor

  BZX55C30BSA Datasheet HTML 1Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 2Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 3Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 4Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
MAX
MAX
(NOTE)
MAX
MIN
( V )
(NOTE)
VZT @IZT
( V )
VR
( W )
RZT @IZT
( mA )
IZT
( uA )
IR @TA =25OC
TYPE
MARKING
23
0.2
26.99
26.99
30.51
28.39
5.0
80
BZX55C 30BS
BZX55C 30BSA
27.70
29.13
BZX55C 30BSB
28.36
29.82
BZX55C 30BSC
29.02
30.51
BZX55C 30BSD
25
0.2
29.68
29.68
33.11
31.22
5.0
80
BZX55C 33BS
BZX55C 33BSA
30.32
31.88
BZX55C 33BSB
30.90
32.50
BZX55C 33BSC
31.49
33.11
BZX55C 33BSD
27
0.2
32.14
32.14
35.77
33.79
5.0
80
BZX55C 36BS
BZX55C 36BSA
32.79
34.49
BZX55C 36BSB
33.40
35.13
BZX55C 36BSC
34.01
35.77
30V
30VA
30VB
30VC
30VD
33V
33VA
33VB
33VC
33VD
36V
36VA
36VB
36VC
36VD
BZX55C 36BSD
NOTE: Pulse Condition : 20mS < tp < 50mS, Duty Cycle < 2%.


유사한 부품 번호 - BZX55C30BSA

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55C30 VISHAY-BZX55C30 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Guangdong Kexin Industr...
BZX55C30 KEXIN-BZX55C30 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C30 VISHAY-BZX55C30 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Microdiode Electronics ...
BZX55C30 CHENDA-BZX55C30 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Shenzhen Luguang Electr...
BZX55C30 LUGUANG-BZX55C30 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - BZX55C30BSA

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com