전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13D7-CD11C 데이터시트(PDF) 2 Page - Suntan Capacitors

부품명 TS13D7-CD11C
상세설명  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13D7-CD11C 데이터시트(HTML) 2 Page - Suntan Capacitors

  TS13D7-CD11C Datasheet HTML 1Page - Suntan Capacitors TS13D7-CD11C Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13D CD11C
STANDARD RATINGS
Wv
(V)
4
6.3
10
16
25
35
50
63
100
Size
(mm)
Ripple
Size
(mm)
Ripple
Size
(mm)
Ripple
Size
(mm)
Ripple
Size
(mm)
Ripple
Size
(mm)
Ripple
Size
(mm)
Ripple
Size
(mm)
Ripple
Size
(mm)
Ripple
Cap
(μF)
DxL
mArms
DxL
mArms
DxL
mArms
DxL
mArms
DxL
mArms
DxL
mArms
DxL
mArms
DxL
mArms
DxL
mArms
0.1
--
--
--
--
--
--
--
--
--
--
--
--
4x7
4
4x7
4
--
--
0.22
--
--
--
--
--
--
--
--
--
--
--
--
4x7
5
4x7
6
--
--
0.33
--
--
--
--
--
--
--
--
--
--
--
--
4x7
7
4x7
7
--
--
0.47
--
--
--
--
--
--
--
--
--
--
--
--
4x7
8
4x7
8
--
--
1
--
--
--
--
--
--
--
--
--
--
--
--
4x7
10
4x7
10
4x7
12
2.2
--
--
--
--
--
--
--
--
--
--
--
--
4x7
15
4x7
15
5x7
20
3.3
--
--
--
--
--
--
--
--
4x7
15
4x7
15
4x7
20
4x7
23
6.3x7
30
4.7
--
--
--
--
--
--
--
--
4x7
20
4x7
20
4x7
24
5x7
30
6.3x7
10
--
--
--
--
--
--
4x7
35
4x7
30
4x7
30
5x7
40
6.3x7
50
--
--
22
--
--
4x7
35
4x7
35
4x7
40
5x7
50
5x7
55
6.3x7
70
--
--
--
--
33
4x7
35
4x7
40
4x7
45
5x7
55
6.3x7
70
6.3x7
75
8x7
100
--
--
--
--
47
4x7
40
4x7
50
5x7
60
5x7
70
6.3x7
85
8x7
110
--
--
--
--
--
--
100
5x7
70
5x7
80
6.3x7
108
6.3x7
120
8x7
145
--
--
--
--
--
--
--
--
220
6.3x7
120
6.3x7
140
8x7
185
8x7
205
--
--
--
--
--
--
--
--
--
--
330
8x7
170
7x7
205
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13D7-CD11C

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13D7-CD11C SUNTAN-TS13D7-CD11C_17 Datasheet
89Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

유사한 설명 - TS13D7-CD11C

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com