전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13DM-CD71A 데이터시트(PDF) 1 Page - Suntan Capacitors

부품명 TS13DM-CD71A
상세설명  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DM-CD71A 데이터시트(HTML) 1 Page - Suntan Capacitors

  TS13DM-CD71A Datasheet HTML 1Page - Suntan Capacitors TS13DM-CD71A Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
F O R S P E A K E R N E T W O R K
TS13D CD71A
F E A T U R E S
Load life of 1000 hours at 85℃
Bi-polar
Low dissipation factor and excellent
frequency characteristics
For speaker crossover networks, Hi-Fi audio.
Specifications
ITEMS PERFORMANCE
CHARACTERISTICS
Operating Temperature Range(℃)
-40~+85
Rated Voltage Range (V)
50
Capacitance Tolerance(25℃, 1KHz)
P grade: ±15%; D grade: ±20%
Leakage Current(μA)
0.03CV+4μA (at 25℃, after 5 minutes) Max
C: Nominal Capacitance (μF) V: Rated Voltage (V)
Dissipation Factor(25℃)
Frequency
1KHz
10KHz
P grade
0.05
0.15
D grade
0.15
0.50
Load Life (+85℃)
Time
1000hours (500+500 hours) turn over polarity
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life (+85℃)
500 hours. No voltage applied. After test:UR to be applied for 30 minutes, 24 to 48 hours before measurement.
Dimensions
mm
Φ
D
6.3
8
10
12.5
16
18
Φ
d
0.5
0.6
0.8
F
2.5
3.5
5.0
7.5
a
L≤16:1.5 L≥20:2
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13DM-CD71A

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DM-CD71A SUNTAN-TS13DM-CD71A_17 Datasheet
87Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

유사한 설명 - TS13DM-CD71A

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com