전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8513PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF8513PBF
상세설명  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8513PBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRF8513PBF Datasheet HTML 2Page - International Rectifier IRF8513PBF Datasheet HTML 3Page - International Rectifier IRF8513PBF Datasheet HTML 4Page - International Rectifier IRF8513PBF Datasheet HTML 5Page - International Rectifier IRF8513PBF Datasheet HTML 6Page - International Rectifier IRF8513PBF Datasheet HTML 7Page - International Rectifier IRF8513PBF Datasheet HTML 8Page - International Rectifier IRF8513PBF Datasheet HTML 9Page - International Rectifier IRF8513PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRF8513PbF
6
www.irf.com
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 19. Maximum Drain Current vs. Ambient Temp.
Fig 20. Maximum Drain Current vs. Ambient Temp.
Fig 21. Threshold Voltage vs. Temperature
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
175
TA , Ambient Temperature (°C)
0
1
2
3
4
5
6
7
8
9
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 250µA
ID = 25µA
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
ID
TOP
2.13A
4.20A
BOTTOM 6.40A
25
50
75
100
125
150
175
TA , Ambient Temperature (°C)
0
2
4
6
8
10
12
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 250µA
ID = 25µA
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
2.62A
5.45A
BOTTOM 8.60A


유사한 부품 번호 - IRF8513PBF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
IRF850 STMICROELECTRONICS-IRF850 Datasheet
169Kb / 6P
   N CHANNEL ENHANCEMENT MODE POWER MOSTRANSISTORS
logo
Intersil Corporation
IRF850 INTERSIL-IRF850 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
ON Semiconductor
IRF850 ONSEMI-IRF850 Datasheet
119Kb / 3P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
NXP Semiconductors
IRF850 PHILIPS-IRF850 Datasheet
58Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF850 NJSEMI-IRF850 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
More results

유사한 설명 - IRF8513PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com